Electronic Components Datasheet Search
  English  ▼

X  

TMUX7308F Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7308F
Description  TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7308F Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMUX7308F Datasheet HTML 20Page - Texas Instruments TMUX7308F Datasheet HTML 21Page - Texas Instruments TMUX7308F Datasheet HTML 22Page - Texas Instruments TMUX7308F Datasheet HTML 23Page - Texas Instruments TMUX7308F Datasheet HTML 24Page - Texas Instruments TMUX7308F Datasheet HTML 25Page - Texas Instruments TMUX7308F Datasheet HTML 26Page - Texas Instruments TMUX7308F Datasheet HTML 27Page - Texas Instruments TMUX7308F Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
8.3.2.2 Powered-Off Protection
When the supplies of TMUX7308F and TMUX7309F are removed (VDD/ VSS = 0 V or floating), the source
(Sx) pins of the device remain in the high impedance (Hi-Z) state, and the device performance remains within
the leakage performance mentioned in the Electrical Specifications. Powered-off protection minimizes system
complexity by removing the need to control power supply sequencing of the system. The feature prevents errant
voltages on the input source pins from reaching the rest of the system and maintains isolation when the system
is powering up. Without powered-off protection, signal on the input source pins can back-power the supply rails
through internal ESD diodes and cause potential damage to the system.
The switch remains OFF regardless of whether the VDD and VSS supplies are 0 V or floating. A GND reference
must always be present to ensure proper operation. Source and drain voltage levels of up to ±60 V are blocked
in the powered-off condition.
8.3.2.3 Fail-Safe Logic
Fail-safe logic circuitry allows voltages on the digital control pins to be applied before the supply pins, protecting
the device from potential damage. The switch is specified to be in the OFF state, regardless of the state of the
digital logic signals. The digital inputs are protected against positive faults of up to +44 V in the powered-off
condition, but do not offer protection against the negative overvoltage condition.
8.3.2.4 Overvoltage Protection and Detection
The TMUX7308F and TMUX7309F detect overvoltage inputs by comparing the voltage on a source pin (Sx) with
the supplies (VDD and VSS). A signal is considered overvoltage if it exceeds the supply voltages by the threshold
voltage (VT).
When an overvoltage is detected, the switch automatically turns OFF regardless of the digital logic controls. The
source pin becomes high impedance and ensures only small leakage current flows through the switch. When
the fault channel is selected by the digital logic control, the drain pin (D or Dx) is pulled to the supply that was
exceeded. For example, if the source voltage exceeds VDD, the drain output is pulled to VDD. If the source
voltage exceeds VSS, the drain output is pulled to VSS. The pull-up impedance is approximately 40 kΩ, and as a
result, the drain current is limited to roughly 1 mA during a shorted load (to GND) condition. Figure depicts the
protection structure of the device.
8.3.2.5 Latch-Up Immunity
Latch-up is a condition where a low impedance path is created between a supply pin and ground. This condition
is caused by a trigger (current injection or overvoltage); but once activated, the low impedance path remains
even after the trigger is no longer present. This low impedance path may cause system upset or catastrophic
damage due to the excessive current levels. The latch-up condition typically requires a power cycle to eliminate
the low impedance path.
In the TMUX7308F and TMUX7309F devices, an insulating oxide layer is placed on top of the silicon substrate
to prevent any parasitic junctions from forming. As a result, the devices are latch-up immune under all
circumstances by device construction.
8.3.2.6 EMC Protection
The TMUX7308F and TMUX7309F are not intended for standalone electromagnetic compatibility (EMC)
protection in industrial applications. There are three common high voltage transient specifications that govern
industrial high voltage transient specification: IEC61000-4-2 (ESD), IEC61000-4-4 (EFT), and IEC61000-4-5
(surge immunity). A transient voltage suppressor (TVS), along with some low-value series current limiting
resistor, are required to prevent source input voltages from going above the rated ±60 V limits.
When selecting a TVS protection device, it is critical to ensure that the maximum working voltage is greater than
both the normal operating range of the input source pins to be protected and any known system common-mode
overvoltage that may be present due to incorrect wiring, loss of power, or short circuit. Figure 8-1 shows one
example of the proper design window when selecting a TVS device.
TMUX7308F
SCDS403A – FEBRUARY 2021 – REVISED OCTOBER 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7308F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com