Electronic Components Datasheet Search
  English  ▼

X  

DAC53508 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC53508
Description  DACx3508 Octal, 10-Bit or 8-Bit, SPI Interface, Buffered Voltage Output DACs in Tiny 3 횞 3 WQFN Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC53508 Datasheet(HTML) 4 Page - Texas Instruments

  DAC53508 Datasheet HTML 1Page - Texas Instruments DAC53508 Datasheet HTML 2Page - Texas Instruments DAC53508 Datasheet HTML 3Page - Texas Instruments DAC53508 Datasheet HTML 4Page - Texas Instruments DAC53508 Datasheet HTML 5Page - Texas Instruments DAC53508 Datasheet HTML 6Page - Texas Instruments DAC53508 Datasheet HTML 7Page - Texas Instruments DAC53508 Datasheet HTML 8Page - Texas Instruments DAC53508 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VDD
Power-supply voltage to AGND
–0.3
6
V
VREFIN
External reference voltage to AGND
–0.3
VDD + 0.3
V
Digital input(s) to AGND
–0.3
VDD + 0.3
V
VOUT
Voltage output to AGND
–0.3
VDD + 0.3
V
Current into any pin
–10
10
mA
TJ
Junction temperature,TJ
–40
150
°C
Tstg
Storage temperature, Tstg
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±1000
V
Charged device model (CDM), per ANSI/ESDA/JEDEC JS-002, all pins(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD to AGND
Positive supply voltage to ground
1.8
5.5
V
VREFIN to AGND
Reference input supply voltage to ground
1.8
VDD
V
VIH
Digital input high voltage, 1.8 V ≤ VDD ≤ 2.7 V
VDD – 0.3
V
Digital input high voltage, 2.7 V < VDD ≤ 5.5 V
2.4
VIL
Digital input low voltage
0.5
V
TA
Ambient temperature
–40
125
°C
7.4 Thermal Information
THERMAL METRIC(1)
DACx3508
UNIT
RTE (WQFN)
16 PIN
RθJA
Junction-to-ambient thermal resistance
49
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
50
°C/W
RθJB
Junction-to-board thermal resistance
24.1
°C/W
ΨJT
Junction-to-top characterization parameter
1.1
°C/W
YJB
Junction-to-board characterization parameter
24.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
8.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
DAC53508, DAC43508
SLASF08 – DECEMBER 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC53508 DAC43508



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com