Electronic Components Datasheet Search
  English  ▼

X  

DAC53508 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # DAC53508
Description  DACx3508 Octal, 10-Bit or 8-Bit, SPI Interface, Buffered Voltage Output DACs in Tiny 3 횞 3 WQFN Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC53508 Datasheet(HTML) 20 Page - Texas Instruments

Back Button DAC53508 Datasheet HTML 16Page - Texas Instruments DAC53508 Datasheet HTML 17Page - Texas Instruments DAC53508 Datasheet HTML 18Page - Texas Instruments DAC53508 Datasheet HTML 19Page - Texas Instruments DAC53508 Datasheet HTML 20Page - Texas Instruments DAC53508 Datasheet HTML 21Page - Texas Instruments DAC53508 Datasheet HTML 22Page - Texas Instruments DAC53508 Datasheet HTML 23Page - Texas Instruments DAC53508 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
8.3.1.4 Output Amplifier
The output buffer amplifier generates rail-to-rail voltages on the output, giving a maximum output range of 0 V
to VDD. Equation 1 shows that the full-scale output range of the DAC output is determined by the voltage on the
VREFIN pin
8.3.2 Reference
The DACx3508 require an external reference to operate. However, the reference pin, VREFIN, and the supply
pin, VDD, can be tied together. The reference input pin voltage ranges from 1.8 V to VDD. The typical input
impedance of this pin when all the channels are powered on is 12.5 kΩ.
8.3.3 Power-On Reset (POR)
The DACx3508 family of devices includes a power-on reset (POR) function that controls the output voltage at
power up. After the VDD supply has been established, a POR event is issued. The POR causes all registers to
initialize to default values, and communication with the device is valid only after a 5-ms delay, when VDD reaches
DAC operating range. The default value for the DAC data registers is zero-code. The DAC output remains at the
power-up voltage until a valid command is written to a channel.
When the device powers up, a POR circuit sets the device to the default mode. The POR circuit requires specific
VDD levels, as indicated in Figure 8-2, to make sure that the internal capacitors discharge and reset the device
on power up. To make sure that a POR occurs, VDD must be less than 0.7 V for at least 1 ms. When VDD drops
to less than 1.7 V but remains greater than 0.7 V (shown as the undefined region), the device may or may
not reset under all specified temperature and power-supply conditions. In this case, initiate a POR. When VDD
remains greater than 1.7 V, a POR does not occur.
No power-on reset
Power-on reset
0.70
Undefined
0.00
1.70
1.80
5.50
VDD (V)
Specified supply
voltage range
Figure 8-2. Threshold Levels for VDD POR Circuit
8.3.4 Software Reset
A device software reset event is initiated by writing the reserved code 0x1010 to the SW_RST bit in the
STATUS_TRIGGER register.
DAC53508, DAC43508
SLASF08 – DECEMBER 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC53508 DAC43508



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com