Electronic Components Datasheet Search
  English  ▼

X  

DAC53508 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC53508
Description  DACx3508 Octal, 10-Bit or 8-Bit, SPI Interface, Buffered Voltage Output DACs in Tiny 3 횞 3 WQFN Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC53508 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC53508 Datasheet HTML 2Page - Texas Instruments DAC53508 Datasheet HTML 3Page - Texas Instruments DAC53508 Datasheet HTML 4Page - Texas Instruments DAC53508 Datasheet HTML 5Page - Texas Instruments DAC53508 Datasheet HTML 6Page - Texas Instruments DAC53508 Datasheet HTML 7Page - Texas Instruments DAC53508 Datasheet HTML 8Page - Texas Instruments DAC53508 Datasheet HTML 9Page - Texas Instruments DAC53508 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
7.5 Electrical Characteristics (continued)
all minimum/maximum specifications at TA = –40°C to +125°C and all typical specification at TA = 25°C, 1.8 V ≤ VDD ≤ 5.5 V,
VREFIN = 2.5 V for VDD ≥ 2.7 V, VREFIN = 1.8 V for VDD ≤ 2.7 V, RL= 5 kΩ to AGND, CL = 200 pF to AGND, and digital inputs at
VDD or AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC PERFORMANCE
tsett
Output voltage settling time
1/4 to 3/4 scale and 3/4 to 1/4 scale
settling to 10%FSR, VDD = 5.5 V
10
µs
SR
Slew rate
VDD = 5.5 V
0.6
V/µs
Power-on glitch magnitude
110
mV
Vn
Output noise
f = 0.1 Hz to 10 Hz, DAC at midscale,
VDD = 5.5 V
40
µVpp
Vn
Output noise
f = 0.1 Hz to 100 kHz, DAC at midscale,
VDD = 5.5 V
0.05
mVrms
Vn
Output noise density
f = 1 kHz, DAC at midscale, VDD = 5.5 V
0.2
µV/√Hz
f = 10 kHz, DAC at midscale, VDD = 5.5 V
0.2
AC
PSRR
Power-supply rejection ratio (ac)
200-mV, 50-Hz or 60-Hz sine wave
superimposed on power-supply voltage,
DAC at midscale
–71
dB
Channel-to-channel ac crosstalk
Full-scale swing on adjacent channel
1.5
nV-s
Channel-to-channel dc crosstalk
Full-scale swing on all channels,
measured channel at zero-scale or
full-scale
0.05
LSB
Code change glitch impulse
±1-LSB change around midscale
(including feedthrough)
10
nV-s
Code change glitch impulse
magnitude
±1-LSB change around midscale
(including feedthrough)
25
mV
VOLTAGE REFERENCE INPUT
Reference input impedance
All channels powered on
12.5
kΩ
Reference input capacitance
50
pF
DIGITAL INPUTS
Digital feedthrough
SCLK = 1 MHz, DAC output static at
midscale
20
nV-s
Pin capacitance
Per pin
10
pF
POWER
IDD
Current flowing into VDD
Normal mode, all DACs at full-scale,
SPI static
3
5
mA
All DAC channels powered down
50
µA
(1)
End point fit between codes: code 4d to code 1016d for 10 bit, code 1d to code 251d for 8 bit.
(2)
Characterized by design. Not production tested.
(3)
Full-scale output shorted per channel to AGND or zero-scale output shorted to VDD.
(4)
Code 1023d into DAC, no headroom.
DAC53508, DAC43508
SLASF08 – DECEMBER 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC53508 DAC43508



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com