Electronic Components Datasheet Search
  English  ▼

X  

DAC53508 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DAC53508
Description  DACx3508 Octal, 10-Bit or 8-Bit, SPI Interface, Buffered Voltage Output DACs in Tiny 3 횞 3 WQFN Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC53508 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC53508 Datasheet HTML 19Page - Texas Instruments DAC53508 Datasheet HTML 20Page - Texas Instruments DAC53508 Datasheet HTML 21Page - Texas Instruments DAC53508 Datasheet HTML 22Page - Texas Instruments DAC53508 Datasheet HTML 23Page - Texas Instruments DAC53508 Datasheet HTML 24Page - Texas Instruments DAC53508 Datasheet HTML 25Page - Texas Instruments DAC53508 Datasheet HTML 26Page - Texas Instruments DAC53508 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
8.6.1 DEVICE_CONFIG Register (address = 01h) [reset = 00FFh]
Figure 8-3. DEVICE_CONFIG Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
X
RESERVED
PDN-All
PDNH
PDNG
PDNF
PDNE
PDND
PDNC
PDNB
PDNA
W-0h
W-0h
W-0b
W-FFh
Table 8-4. DEVICE_CONFIG Register Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
15-12
X
W
0h
Don't care
11-9
RESERVED
W
00
Reserved
8
PDN-All
W
0
Global power down bit:
0: Normal operation
1: All DAC channels and internal biasing blocks are powered
down.
7-0
PDNx
W
FFh
Channel-specific power down bits:
0: DACx powered up
1: DACx powered down with 10 kΩ pulldown resistor to AGND.
8.6.2 STATUS_TRIGGER Register (address = 02h) [reset = 0000h]
Figure 8-4. STATUS_TRIGGER Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
X
SW_RST
W-000h
W-0h
Table 8-5. STATUS_TRIGGER Register Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
15-4
X
W
000h
Don't care
3-0
SW_RST
W
0h
Device resets to default value when this bit field is set to 1010.
Other values do not have any impact.
8.6.3 BRDCAST Register (address = 03h) [reset = 0000h]
Figure 8-5. BRDCAST Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
X
BRDCAST_DATA[9:0] / BRDCAST_DATA[7:0]
X
W-0h
W-000h
W-00b
Table 8-6. BRDCAST Register Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
15-12
X
W
0h
Don't care
11-2
BRDCAST_DATA[9:0] /
BRDCAST_DATA[7:0]
W
000h
Writing to the BRDCAST register forces the DAC channel to
update the active register data to BRDCAST_DATA.
Data are MSB-aligned in straight-binary format and follow the
format below:
DAC53508: { DATA[9:0] }
DAC43508: { DATA[7:0], x, x }
x – Don’t care bits
1-0
X
W
00
Don't care
www.ti.com
DAC53508, DAC43508
SLASF08 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: DAC53508 DAC43508



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com