Electronic Components Datasheet Search
  English  ▼

X  

DAC53508 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC53508
Description  DACx3508 Octal, 10-Bit or 8-Bit, SPI Interface, Buffered Voltage Output DACs in Tiny 3 횞 3 WQFN Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC53508 Datasheet(HTML) 1 Page - Texas Instruments

  DAC53508 Datasheet HTML 1Page - Texas Instruments DAC53508 Datasheet HTML 2Page - Texas Instruments DAC53508 Datasheet HTML 3Page - Texas Instruments DAC53508 Datasheet HTML 4Page - Texas Instruments DAC53508 Datasheet HTML 5Page - Texas Instruments DAC53508 Datasheet HTML 6Page - Texas Instruments DAC53508 Datasheet HTML 7Page - Texas Instruments DAC53508 Datasheet HTML 8Page - Texas Instruments DAC53508 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
DACx3508 Octal, 10-Bit or 8-Bit, SPI Interface, Buffered Voltage Output DACs
in Tiny 3 × 3 WQFN Package
1 Features
• ±1-LSB INL and DNL
• Wide operating range
– Power supply: 1.8 V to 5.5 V
– Temperature range: –40°C to +125°C
• 3-wire SPI interface
– VIH = 2.4 V for 2.7 V ≤ VDD ≤ 5.5 V
– VIH = (VDD – 0.3 V) for 1.8 V ≤ VDD ≤ 2.7 V
• LDAC pin for simultaneous output update
• Very low power: 0.1 mA/channel at 1.8 V
• Low-power start-up mode: Outputs powered down
with 10 kΩ to AGND.
• Tiny package
– 16-pin WQFN (3 mm × 3 mm)
2 Applications
• Multifunction printer
• Display panel for TV
• OLED TV
• Virtual reality headset
• Currency counter
• Automatic teller machine (ATM)
3 Description
The
10-bit
DAC53508
and
8-bit
DAC43508
(DACx3508) are low-power, eight-channel, voltage-
output, digital-to-analog converters (DACs). The
DACx3508 are specified monotonic by design across
a wide power supply range from 1.8 V to 5.5 V. Using
an external reference, the DACx3508 provides a full-
scale output voltage range of 1.8 V to 5.5 V while
consuming 0.1
‑mA quiescent current per channel.
The DACx3508 also includes per channel, user
programmable, power down registers. These registers
facilitate the DAC output buffers to start in a 10 kΩ-
AGND power-down state, and remain in this state
until a power-up command is issued to these output
buffers.
Low quiescent current, wide power-supply range,
octal channel, and a per-channel power-down option
make the DACx3508 an excellent choice for high-
density, low-power, battery-operated systems.
The devices communicate through the 3-wire (write-
only) SPI interface. These devices also have a load
DAC (LDAC) and clear CLR inputs.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
DAC53508
WQFN (16)
3.00 mm × 3.00 mm
DAC43508
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
VOUTA
DAC
Registers
BUF
Channel A
Power-Down Logic
Resistive Network
Power-On Reset
DACx3508
SCLK
SDI
SYNC
DAC
VDD
VREFIN
AGND
LDAC
Channel H
VOUTH
CLR
Block Diagram
DAC53508, DAC43508
SLASF08 – DECEMBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DAC53508

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC53508 TI1-DAC53508 Datasheet
3Mb / 40P
DACx3508 Octal, 8-Bit, 10-Bit, and 12-Bit, SPI, Buffered Voltage Output DACs in Tiny 3 × 3 WQFN Package
MAY 2024
DAC53508 TI2-DAC53508 Datasheet
3Mb / 40P
DACx3508 Octal, 8-Bit, 10-Bit, and 12-Bit, SPI, Buffered Voltage Output DACs in Tiny 3 × 3 WQFN Package
REVISED MAY 2024
DAC53508RTER TI1-DAC53508RTER Datasheet
3Mb / 40P
DACx3508 Octal, 8-Bit, 10-Bit, and 12-Bit, SPI, Buffered Voltage Output DACs in Tiny 3 × 3 WQFN Package
MAY 2024
DAC53508RTER TI2-DAC53508RTER Datasheet
3Mb / 40P
DACx3508 Octal, 8-Bit, 10-Bit, and 12-Bit, SPI, Buffered Voltage Output DACs in Tiny 3 × 3 WQFN Package
REVISED MAY 2024
DAC53508RTER.A TI2-DAC53508RTER.A Datasheet
3Mb / 40P
DACx3508 Octal, 8-Bit, 10-Bit, and 12-Bit, SPI, Buffered Voltage Output DACs in Tiny 3 × 3 WQFN Package
REVISED MAY 2024
More results

Similar Description - DAC53508

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5590 MAXIM-MAX5590 Datasheet
1Mb / 33P
Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
19-2983; Rev 0; 9/03
MAX5580 MAXIM-MAX5580 Datasheet
1Mb / 34P
Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
MAX5294 MAXIM-MAX5294 Datasheet
941Kb / 33P
Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 0; 11/03
MAX5290 MAXIM-MAX5290_07 Datasheet
846Kb / 35P
Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5580 MAXIM-MAX5580_07 Datasheet
1,001Kb / 36P
Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5590 MAXIM-MAX5590_04 Datasheet
886Kb / 33P
Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
Rev 1; 11/04
MAX5723 MAXIM-MAX5723 Datasheet
4Mb / 35P
Ultra-Small, Octal-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 3/12
logo
Texas Instruments
DAC53608 TI1-DAC53608 Datasheet
430Kb / 32P
Octal, 10-Bit or 8-Bit, I2C Interface, Buffered Voltage Output DACs in Tiny 3 횞 3 QFN Package
logo
Analog Devices
LTC2636 AD-LTC2636 Datasheet
400Kb / 24P
Octal 12-/10-/8-Bit SPI VOUT DACs
04/18-REV.D
logo
Maxim Integrated Produc...
MAX5703 MAXIM-MAX5703 Datasheet
3Mb / 26P
Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and SPI Interface
19-6463; Rev 3; 11/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com