Electronic Components Datasheet Search
  English  ▼

X  

DAC53508 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # DAC53508
Description  DACx3508 Octal, 10-Bit or 8-Bit, SPI Interface, Buffered Voltage Output DACs in Tiny 3 횞 3 WQFN Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC53508 Datasheet(HTML) 19 Page - Texas Instruments

Back Button DAC53508 Datasheet HTML 15Page - Texas Instruments DAC53508 Datasheet HTML 16Page - Texas Instruments DAC53508 Datasheet HTML 17Page - Texas Instruments DAC53508 Datasheet HTML 18Page - Texas Instruments DAC53508 Datasheet HTML 19Page - Texas Instruments DAC53508 Datasheet HTML 20Page - Texas Instruments DAC53508 Datasheet HTML 21Page - Texas Instruments DAC53508 Datasheet HTML 22Page - Texas Instruments DAC53508 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
8.3 Feature Description
8.3.1 Digital-to-Analog Converter (DAC) Architecture
Each output channel in the DACx3508 family of devices consists of string architecture with an output buffer
amplifier. Figure 8-1 shows a block diagram of the DAC architecture.
VOUTX
DAC
Buffer
Register
LDAC Trigger
(Synchronous Mode)
DAC
Active
Register
Serial Interface
DAC Data Register
WRITE
READ
(Asynchronous Mode)
BUF
AGND
VREFIN
VDD
String
Figure 8-1. DACx3508 DAC Architecture
8.3.1.1 DAC Transfer Function
The device writes the input data to the individual DAC Data registers in straight binary format. After a power-on
or a reset event, the device sets all DAC registers to zero-code. Equation 1 shows DAC transfer function.
VOUTX=DACn_DATA
2N ×VREFIN
(1)
where:
• N = resolution in bits: 10 (DAC53508) or 8 (DAC43508)
• DACn_DATA is the decimal equivalent of the binary code that is loaded to the DAC register
• DACn_DATA ranges from 0 to 2N – 1
• VREFIN is the DAC reference voltage
8.3.1.2 DAC Register Update and LDAC Functionality
The device stores the data written to the DAC Data registers in the DAC buffer registers. Transfer of data from
the DAC buffer registers to the DAC active registers can be set to happen immediately (asynchronous mode) or
initiated by an LDAC trigger (synchronous mode). After the DAC active registers are updated, the DAC outputs
change to the new values.
The update mode for each DAC channel is determined by the status of LDAC pin.
In asynchronous mode (LDAC = low before the DAC write command), a write to the DAC data register results in
an immediate update of the DAC active register and DAC output at the end of SPI frame.
In synchronous mode (LDAC = high before the DAC write command), writing to the DAC data register does not
automatically update the DAC output. Instead, the update occurs only after LDAC is pulled low. The synchronous
update mode enables simultaneous update of all DAC outputs.
8.3.1.3 CLR Functionality
The CLR pin is an asynchronous input pin to the DAC. When this pin is pulled low, the DAC buffers and the DAC
active registers are set to zero code.
www.ti.com
DAC53508, DAC43508
SLASF08 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: DAC53508 DAC43508



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com