Electronic Components Datasheet Search
  English  ▼

X  

DLPC4430 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4430
Description  DLPC4430 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4430 Datasheet(HTML) 30 Page - Texas Instruments

Back Button DLPC4430 Datasheet HTML 26Page - Texas Instruments DLPC4430 Datasheet HTML 27Page - Texas Instruments DLPC4430 Datasheet HTML 28Page - Texas Instruments DLPC4430 Datasheet HTML 29Page - Texas Instruments DLPC4430 Datasheet HTML 30Page - Texas Instruments DLPC4430 Datasheet HTML 31Page - Texas Instruments DLPC4430 Datasheet HTML 32Page - Texas Instruments DLPC4430 Datasheet HTML 33Page - Texas Instruments DLPC4430 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
7.3.8 Board Level Test Support
The in-circuit tri-state enable signal (ICTSEN) is a board level test control signal. By driving ICTSEN to a logic
high state, all controller outputs (except TDO1 and TDO2) are tri-stated.
The DLPC4430 controller also provides JTAG boundary scan support on all I/O except non-digital I/O and a few
special signals. Table 7-5 defines these exceptions.
Table 7-5. DLPC4430- Signals Not Covered by JTAG
Signal Name
PKG Ball
HW_TEST_EN
M25
MOSC
M26
MOSCN
N26
USB_DAT_N
C5
USB_DAT_P
D6
TCK
N24
TDI
N25
TRSTZ
M23
TDO1
N23
TDO2
N22
TMS1
P25
TMS2
P26
7.4 Device Functional Modes
The DLPC4430 has two functional modes which are enabled via software command via the Host control
interface. These modes are Standby and Active.
7.4.1 Standby Mode
The system is powered up and active, however, some blocks within the controller have been shut down to
conserve power. Only the µProcessor and its peripherals are active (supporting a dormant projector waiting to be
woken up). In this mode the DMD is parked and no image can be displayed.
7.4.2 Active Mode
The system is powered up and fully operational, capable of projecting internal or external video sources.
7.4.2.1 Normal Configuration
This configuration enables the full functionality of the DLPC4430.
DLPC4430
DLPS223 – DECEMBER 2021
www.ti.com
30
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC4430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com