Electronic Components Datasheet Search
  English  ▼

X  

DLPC4430 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4430
Description  DLPC4430 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4430 Datasheet(HTML) 15 Page - Texas Instruments

Back Button DLPC4430 Datasheet HTML 11Page - Texas Instruments DLPC4430 Datasheet HTML 12Page - Texas Instruments DLPC4430 Datasheet HTML 13Page - Texas Instruments DLPC4430 Datasheet HTML 14Page - Texas Instruments DLPC4430 Datasheet HTML 15Page - Texas Instruments DLPC4430 Datasheet HTML 16Page - Texas Instruments DLPC4430 Datasheet HTML 17Page - Texas Instruments DLPC4430 Datasheet HTML 18Page - Texas Instruments DLPC4430 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
I/O(1)
MIN
NOM
MAX UNIT
ELECTRICAL
VDD33
3.3V Supply voltage, I/O
3.135
3.3
3.465
V
VDD18
1.8V Supply voltage, LVDS and DRAM
1.71
1.8
1.89
V
VDD11
1.15V Supply voltage, Core logic
1.100
1.15
1.200
V
VDD_PLLD
1.8V Supply voltage, PLL Analog
1.71
1.8
1.89
V
VDD_PLLM1
1.8V Supply voltage, PLL Analog
1.71
1.8
1.89
V
VDD_PLLM2
1.8V Supply voltage, PLL Analog
1.71
1.8
1.89
V
VDD_PLLD
1.8V Supply voltage, PLL Analog
1.090
1.15
1.200
V
VDD_PLLM1
1.8V Supply voltage, PLL Analog
1.090
1.15
1.200
V
VDD_PLLM2
1.8V Supply voltage, PLL Analog
1.090
1.15
1.200
V
VDD_PLLS
1.8V Supply voltage, PLL Analog
1.090
1.15
1.200
V
VI
Input Voltage
USB (9)
0
VDD33
V
OSC (10)
0
VDD33
3.3V LVTTL (1,2,3,4)
0
VDD33
3.3V I2C (8)
0
VDD33
vo
Output Voltage
USB (8)
0
VDD33
V
3.3V LVTTL (1,2,3,4)
0
VDD33
3.3V I2C (8)
0
VDD33
1.8V LVDS (7)
0
VDD33
TA
Operating ambient temperature range
See (2) (3)
0
55
°C
TC
Operating top center case temperature
See (3) (4)
0
109.16
°C
TJ
Operating junction temperature
0
111
°C
(1)
The number inside each parenthesis for the I/O refers to the type defined in the I/O type subscript definition section.
(2)
Assumes minimum 1 m/s airflow along with the JEDEC thermal resistance and associated conditions listed at www.ti.com/packaging.
Thus this is an approximate value that varies with environment and PCB design.
(3)
Maximum thermal values assume max power of 4.6 watts.
(4)
Assume PsiJTequals 0.4 C/W.
6.4 Thermal Information
THERMAL METRIC (1)
DLPC4430
UNIT
ZPC (BGA)
516 PINS
RθJA
Junction-to-ambient thermal resistance (2)
14.4
°C/W
RθJC
Junction-to-case thermal resistance
4.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics Application
Report, SPRA953.
(2)
In still air.
6.5 Electrical Characteristics
over recommended operating conditions
PARAMETER
TEST
CONDITIONS
MIN TYP
MAX UNIT
VIH
High-level input
voltage
USB (9)
2.0
V
OSC (10)
2.0
3.3V LVTTL (1,2,3,4)
2.0
3.3V I2C (8)
2.4
VDD33VDD33+0.5
www.ti.com
DLPC4430
DLPS223 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: DLPC4430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com