Electronic Components Datasheet Search
  English  ▼

X  

DLPC4430 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4430
Description  DLPC4430 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4430 Datasheet(HTML) 36 Page - Texas Instruments

Back Button DLPC4430 Datasheet HTML 32Page - Texas Instruments DLPC4430 Datasheet HTML 33Page - Texas Instruments DLPC4430 Datasheet HTML 34Page - Texas Instruments DLPC4430 Datasheet HTML 35Page - Texas Instruments DLPC4430 Datasheet HTML 36Page - Texas Instruments DLPC4430 Datasheet HTML 37Page - Texas Instruments DLPC4430 Datasheet HTML 38Page - Texas Instruments DLPC4430 Datasheet HTML 39Page - Texas Instruments DLPC4430 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
10 Layout
10.1 Layout Guidelines
To achieve the needed thermal connectivity, 2-ounce copper planes in the PCB design are recommended .
10.1.1 PCB Layout Guidelines for Internal DLPC4430 Power
The following guidelines to achieve desired controller performance relative to internal PLLs are recommended:
• The DLPC4430 controller contains four PLLs (PLLM1, PLLM2, PLLD and PLLS), each of which have a
dedicated 1.15V digital supply, and three (PLLM1, PLLM2 and PLLD) which have a dedicated 1.8-V analog
supply. It is important to have filtering on the supply pins that covers a broad frequency range. Each 1.15V
PLL supply pin must have individual high frequency filtering in the form of a ferrite bead and a 0.1µF ceramic
capacitor. These components must be located very close to the individual PLL supply balls. The impedance
of the ferrite bead must be greater than that of the capacitor at frequencies above 10MHz. The 1.15V to the
PLL supply pins must also have low frequency filtering in the form of an RC filter. This filter can be common
to all the PLLs. The voltage drop across the resistor is limited by the 1.15V regulator tolerance and the
DLPC4430 device voltage tolerance. A resistance of 0.36 Ω and a 100 µF ceramic are recommended.
• The analog 1.8V PLL power pins must have a similar filter topology as the 1.15V. In addition, it is
recommended that the 1.8V be generated with a dedicated linear regulator.
• When designing the overall supply filter network, care must be taken to ensure no resonance occurs.
Particular care must be taken around the 1 to 2MHz band, as this coincides with the PLL natural loop
frequency.
DLPC4430
DLPS223 – DECEMBER 2021
www.ti.com
36
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC4430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com