Electronic Components Datasheet Search
  English  ▼

X  

DLPC4430 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC4430
Description  DLPC4430 DLP짰 Display Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC4430 Datasheet(HTML) 42 Page - Texas Instruments

Back Button DLPC4430 Datasheet HTML 38Page - Texas Instruments DLPC4430 Datasheet HTML 39Page - Texas Instruments DLPC4430 Datasheet HTML 40Page - Texas Instruments DLPC4430 Datasheet HTML 41Page - Texas Instruments DLPC4430 Datasheet HTML 42Page - Texas Instruments DLPC4430 Datasheet HTML 43Page - Texas Instruments DLPC4430 Datasheet HTML 44Page - Texas Instruments DLPC4430 Datasheet HTML 45Page - Texas Instruments DLPC4430 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
Figure 10-4. Layer 4
10.1.5 Thermal Considerations
The underlying thermal limitation for the DLPC4430 controller is that the maximum operating junction
temperature (TJ) not be exceeded (this is defined in the Section 6.3). This temperature is dependent on
operating ambient temperature, airflow, PCB design (including the component layout density and the amount
of copper used), power dissipation of the DLPC6421 device and power dissipation of surrounding components.
The DLPC4430 package is designed primarily to extract heat through the power and ground planes of the PCB,
thus copper content and airflow over the PCB are important factors.
The recommended maximum operating ambient temperature (TA) is provided primarily as a design target and
is based on maximum DLPC4430 power dissipation and RθJA at 1 m/s of forced airflow, where RθJA is the
thermal resistance of the package as measured using a JEDEC defined standard test PCB. This JEDEC test
PCB is not necessarily representative of the DLPC4430 PCB, and thus the reported thermal resistance may
not be accurate in the actual product application. Although the actual thermal resistance may be different, it
is the best information available during the design phase to estimate thermal performance. However, after the
PCB is designed and the product is built, it is highly recommended that thermal performance be measured and
validated.
To do this, the top center case temperature has to be measured under the worst case product scenario (max
power dissipation, max voltage, max ambient temp) and validated not to exceed the maximum recommended
case temperature (TC). This specification is based on the measured φJT for the DLPC4430 package and
provides a relatively accurate correlation to junction temperature. Note that care must be taken when measuring
this case temperature to prevent accidental cooling of the package surface. A small (approx 40 gauge)
thermocouple is recommended. The bead and the thermocouple wire must contact the top of the package
and be covered with a minimal amount of thermally conductive epoxy. The wires must be routed closely along
the package and the board surface to avoid cooling the bead through the wires.
DLPC4430
DLPS223 – DECEMBER 2021
www.ti.com
42
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC4430



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com