Electronic Components Datasheet Search
  English  ▼

X  

LT3758 Datasheet(PDF) 13 Page - Analog Devices

Part # LT3758
Description  2-Phase Dual Output Nonsynchronous Boost Controller with Hiccup Mode
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3758 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT3758 Datasheet HTML 9Page - Analog Devices LT3758 Datasheet HTML 10Page - Analog Devices LT3758 Datasheet HTML 11Page - Analog Devices LT3758 Datasheet HTML 12Page - Analog Devices LT3758 Datasheet HTML 13Page - Analog Devices LT3758 Datasheet HTML 14Page - Analog Devices LT3758 Datasheet HTML 15Page - Analog Devices LT3758 Datasheet HTML 16Page - Analog Devices LT3758 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
LTC7840
13
Rev 0
For more information www.analog.com
circuit current, but the other regulators are off. This would
place a thermal burden on the highest output voltage LDO
and could cause the maximum die temperature to be
exceeded. In multi-chip parallel applications, each LDO
output should be independently bypassed to its respective
GND pin as close as possible to each IC.
The Gate Driver Supply LDO (DRVCC)
The 10V output (DRVCC) of the first LDO is powered from
VIN and supplies power to the power MOSFET gate driv-
ers. The DRVCC pin should be bypassed to PGND with
a minimum of 4.7µF ceramic capacitor (X5R or better)
placed as close as possible to the IC pin. If two power
MOSFETs are connected in parallel for each channel in
order to increase the output power level, or if a single
MOSFET with a Qg greater than 50nC is used, then it is
recommended that the bypass capacitor be increased to
a minimum of 10µF.
An under voltage lockout (UVLO) circuit senses the DRVCC
regulator output in order to protect the power MOSFETs
from operating with the inadequate gate drive. For the
LTC7840, the rising UVLO threshold is 4.4V and the hys-
teresis is typically 500mV. In low VIN applications, the
low threshold MOSFET (<3.5V) may be used. In high VIN
applications, higher UVLO may be programmed as shown
in Figure 5. The LTC7840 is optimized for high voltage
power MOSFETs with RDS(ON) ratings at a VGS of 6V.
The Low Voltage Analog and Digital Supply LDO
(INTVCC)
The second LDO within the LTC7840 is powered from
DRVCC and serves as the supply to the low voltage analog
and digital control circuitry. The output (INTVCC) voltage
of this LDO is 3.8V. The INTVCC pin should be bypassed to
SGND with a 1nF ceramic capacitor (X5R or better) placed
as close as possible to the IC pin. This LDO is not intended
to be used as a supply for external circuitry.
Thermal Considerations and Package Options
The LTC7840 is offered in two package options. The
28-lead thermally enhanced TSSOP package (FE28) has a
thermal resistance RTH(JA) of 30ºC/W, and the 4mm x 5mm
28-lead QFN package (UFD28) has a thermal resistance of
47ºC/W. The TSSOP package has a lead pitch of 0.65mm,
whereas the QFN package has a lead pitch of 0.5mm.
The DRVCC LDO can supply up to 100mA current. As a
result, care must be taken to ensure that the maximum
junction temperature of the IC should not be exceeded.
The junction temperature can be estimated by the follow-
ing equations:
IQ(TOT) = IQ + QG(TOT) • f
PDISS = VIN • (IQ + QG(TOT) • f
TJ = TA + PDISS • RTH(JA)
The total quiescent current (IQ(TOT)) consists of the static
supply current (IQ) and the current required to charge
the gate capacitance of the power MOSFETs. The value
of QG(TOT) should come from the plot of VGS vs QG in
the Typical Performance Characteristics section of the
MOSFET data sheet. The value listed in the electrical
specifications may be measured at a higher VGS, such as
15V, whereas the value of interest is at the 10V DRVCC
gate drive voltage.
As an example of the required thermal analysis, consider a
2-phase boost converter with a 5.5V to 24V input voltage
range and an output voltage of 72V at 1.5A. The switching
frequency is 150kHz and the maximum ambient tempera-
ture is 70°C. The power MOSFET used for this application
is the Renesas HAT2267H, which has a typical RDS(ON)
of 13mΩ at VGS = 10V. From the plot of VGS vs QG, the
total gate charge at VGS = 10V is 30nC (the temperature
coefficient of the gate charge is low). One power MOSFET
is used for each phase. For the QFN package option:
IQ(TOT) = 3mA + 2 • 30nC • 150kHz = 12mA
PDISS = 24V • 12mA = 288mW
TJ = 70°C + 288mW • 30°C/W = 78.64°C
In this example, the junction temperature rise is only
8.64°C. These equations demonstrate how the gate
charge current typically dominates the quiescent current
of the IC, and how the choice of package option and board
heat sinking can have a significant effect on the thermal
performance of the solution.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com