Electronic Components Datasheet Search
  English  ▼

X  

LT3758 Datasheet(PDF) 2 Page - Analog Devices

Part # LT3758
Description  2-Phase Dual Output Nonsynchronous Boost Controller with Hiccup Mode
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3758 Datasheet(HTML) 2 Page - Analog Devices

  LT3758 Datasheet HTML 1Page - Analog Devices LT3758 Datasheet HTML 2Page - Analog Devices LT3758 Datasheet HTML 3Page - Analog Devices LT3758 Datasheet HTML 4Page - Analog Devices LT3758 Datasheet HTML 5Page - Analog Devices LT3758 Datasheet HTML 6Page - Analog Devices LT3758 Datasheet HTML 7Page - Analog Devices LT3758 Datasheet HTML 8Page - Analog Devices LT3758 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LTC7840
2
Rev 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (VIN)......................... –0.3V to 65V
RUN1, RUN2 Voltage.................................... –0.3V to 6V
SENSE1+, SENSE2+ Voltage...................–0.3V to INTVCC
DMAX, BLANK Voltage...........................–0.3V to INTVCC
PGOOD1, PGOOD2 Voltage .......................... –0.3V to 6V
VFB1, VFB2 Voltage ..............................–0.3V to INTVCC
SS1, SS2 Voltage ..................................–0.3V to INTVCC
ITH1, ITH2 Voltage ................................–0.3V to INTVCC
(Notes 1, 2)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
FE PACKAGE
28-LEAD PLASTIC TSSOP
TJMAX = 150°C, θJA = 30°C/W
EXPOSED PAD (PIN 29) IS SGND, MUST BE SOLDERED TO PCB
28
27
26
25
24
23
22
21
20
19
18
17
16
15
BLANK
CLKOUT
SYNC
DMAX
FREQ
SS1
VFB1
ITH1
RUN1
RUN2
SS2
VFB2
ITH2
SENSE2+
SENSE1+
SENSE1–
ILIM1
INTVCC
SGND
VIN
DRVCC
GATE1
PGND
GATE2
PGOOD1
PGOOD2
ILIM2
SENSE2–
29
SGND
9 10
TOP VIEW
UFD PACKAGE
28-LEAD (4mm × 5mm) PLASTIC QFN
TJMAX = 150°C, θJA = 47°C/W
EXPOSED PAD (PIN 29) IS SGND, MUST BE SOLDERED TO PCB
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
DMAX
FREQ
SS1
VFB1
ITH1
RUN1
RUN2
SS2
INTVCC
SGND
VIN
DRVCC
GATE1
PGND
GATE2
PGOOD1
7
17
18
19
20
21
22
16
8
15
29
SGND
ILIM1, ILIM2 Voltage.............................–0.3V to INTVCC
FREQ, SYNC Voltage.............................–0.3V to INTVCC
DRVCC Peak Output Current ................................100mA
Operating Junction Temperature Range (Note 3)
LTC7840E .......................................... –40°C to 125°C
LTC7840I ........................................... –40°C to 125°C
LTC7840H.......................................... –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Reflow Peak Body Temperature ............................260°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com