Electronic Components Datasheet Search
  English  ▼

X  

LT3758 Datasheet(PDF) 29 Page - Analog Devices

Part # LT3758
Description  2-Phase Dual Output Nonsynchronous Boost Controller with Hiccup Mode
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3758 Datasheet(HTML) 29 Page - Analog Devices

Back Button LT3758 Datasheet HTML 25Page - Analog Devices LT3758 Datasheet HTML 26Page - Analog Devices LT3758 Datasheet HTML 27Page - Analog Devices LT3758 Datasheet HTML 28Page - Analog Devices LT3758 Datasheet HTML 29Page - Analog Devices LT3758 Datasheet HTML 30Page - Analog Devices LT3758 Datasheet HTML 31Page - Analog Devices LT3758 Datasheet HTML 32Page - Analog Devices LT3758 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
LTC7840
29
Rev 0
For more information www.analog.com
between two or more inductors. Nonetheless, significant
stress can be placed on the input capacitor, especially
in high duty cycle applications. Figure 18 illustrates the
normalized input ripple current, where:
INORM =
VIN
L • f
Figure 18.
DUTY CYCLE
0
1.00
0.90
0.80
0.60
0.70
0.50
0.40
0.30
0.20
0.10
0
0.8
7840 F18
0.2
0.4
0.6
1.0
1-PHASE
2-PHASE
Normalized Input Peak-to-Peak Ripple Current
Soft Start (SS Pin) Capacitor Selection
The LTC7840 has hiccup mode to protect the system in
the event of overcurrent. Because the hiccup mode timing
is set by discharging the soft start capacitor, at least 0.1µF
capacitor must be tied between SS pin and SGND. At start
up, an 10µA current flowing out of SS pin to charge the
soft start capacitor. The hiccup mode is disabled until the
voltage on SS pin ramps up to 1.32V (10% higher than
the 1.2V internal reference). For a properly configured
system, the output’s feedback voltage tracks the voltage
on SS pin until it reaches 1.2V. At this moment, the con-
verter’s output voltage reaches the regulated value and the
system enters the steady state. If the target output voltage
is high or if heavy loaded, the soft start capacitor needs to
be larger to slow down the ramp up speed, otherwise, the
converter’s output voltage cannot follow the voltage on SS
pin in time. At the same time, the system keeps operating
at the maximum current limit. This situation is thought
as overcurrent event by the controller. Once the voltage
on SS pin reaches 1.32V, the hiccup mode is enabled to
make the converter enter the sleep mode even though
the output voltage hasn’t reached the target value. In this
case, the system cannot start up normally.
Checking the Load Transient Response
The regulator loop response can be checked by looking at
the load current transient response. Switching regulators
take several cycles to respond to a step in DC (resistive)
load current. When a load step occurs, VOUT shifts by an
amount equal to ∆ILOAD • (ESR), where ESR is the effective
series resistance of COUT. ∆ILOAD also begins to charge or
discharge COUT, generating the feedback error signal that
forces the regulator to adapt to the current change and
return VOUT to its steady-state value. During this recovery
time VOUT can be monitored for excessive overshoot or
ringing, which would indicate a stability problem.
The availability of the ITH pin not only allows optimization
of control loop behavior but also provides a DC coupled
and AC filtered closed loop response test point. The DC
step, rise time and settling at this test point truly reflects
the closed loop response. Assuming a predominantly sec-
ond order system, phase margin and/or damping factor
can be estimated using the percentage of overshoot seen
at this pin. The bandwidth can also be estimated by exam-
ining the rise time at the pin.
The ITH series RC • CC filter sets the dominant pole-zero
loop compensation. The transfer function for boost and
flyback converters contains a right half plane zero that nor-
mally requires the loop crossover frequency to be reduced
significantly in order to maintain good phase margin.
The RC • CC filter values can typically be modified slightly
(from 0.5 to 2 times their suggested values) to optimize
transient response once the final PC layout is done and the
particular output capacitor type(s) and value(s) have been
determined. The output capacitor configuration needs to
be selected in advance because the effective ESR and bulk
capacitance have a significant effect on the loop gain and
phase. An output current pulse of 20% to 80% of full-load
current having a rise time of 1μs to 10μs will produce out-
put voltage and ITH pin waveforms that will give a sense
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com