Electronic Components Datasheet Search
  English  ▼

X  

LT3758 Datasheet(PDF) 19 Page - Analog Devices

Part # LT3758
Description  2-Phase Dual Output Nonsynchronous Boost Controller with Hiccup Mode
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3758 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT3758 Datasheet HTML 15Page - Analog Devices LT3758 Datasheet HTML 16Page - Analog Devices LT3758 Datasheet HTML 17Page - Analog Devices LT3758 Datasheet HTML 18Page - Analog Devices LT3758 Datasheet HTML 19Page - Analog Devices LT3758 Datasheet HTML 20Page - Analog Devices LT3758 Datasheet HTML 21Page - Analog Devices LT3758 Datasheet HTML 22Page - Analog Devices LT3758 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
LTC7840
19
Rev 0
For more information www.analog.com
Figure 8. Leading Edge Blanking Effects
on the Minimum On-Time
Figure 9. SW Node Waveforms with Different Duty Cycle Limits
500ns/DIV
MINIMUM ON-TIME AT LIGHT LOAD WITH BLANK = SGND
VIN = 24V
VOUT = 48V
VIN = 24V
VOUT = 48V
VIN = 24V
VOUT = 48V
500ns/DIV
MINIMUM ON-TIME AT LIGHT LOAD WITH BLANK = FLOAT
500ns/DIV
7840 F08
MINIMUM ON-TIME AT LIGHT LOAD WITH BLANK = INTVCC
SW
50V/DIV
GATE
5V/DIV
IL
500mA/DIV
SW
50V/DIV
GATE
5V/DIV
IL
500mA/DIV
SW
50V/DIV
GATE
5V/DIV
IL
500mA/DIV
SW NODE
20V/DIV
SW NODE
20V/DIV
1µs/DIV
96% MAXIMUM DUTY CYCLE WITH DMAX = SGND
INDUCTOR
CURRENT
1A/DIV
1µs/DIV
84% MAXIMUM DUTY CYCLE WITH DMAX = FLOAT
INDUCTOR
CURRENT
1A/DIV
SW NODE
20V/DIV
INDUCTOR
CURRENT
1A/DIV
1µs/DIV
7840 F09
75% MAXIMUM DUTY CYCLE WITH DMAX = INTVCC
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com