Electronic Components Datasheet Search
  English  ▼

X  

LT3758 Datasheet(PDF) 23 Page - Analog Devices

Part # LT3758
Description  2-Phase Dual Output Nonsynchronous Boost Controller with Hiccup Mode
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3758 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT3758 Datasheet HTML 19Page - Analog Devices LT3758 Datasheet HTML 20Page - Analog Devices LT3758 Datasheet HTML 21Page - Analog Devices LT3758 Datasheet HTML 22Page - Analog Devices LT3758 Datasheet HTML 23Page - Analog Devices LT3758 Datasheet HTML 24Page - Analog Devices LT3758 Datasheet HTML 25Page - Analog Devices LT3758 Datasheet HTML 26Page - Analog Devices LT3758 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
LTC7840
23
Rev 0
For more information www.analog.com
Maximum Duty Cycle Limitations
Another operating extreme occurs at high duty cycle,
when the input voltage is low and the output voltage is
high. In this case:
DMAX =
VO + VF – VIN(MIN)
VO + VF
⎛
⎝⎜
⎞
⎠⎟
A single-ended boost converter needs a minimum off-
time every cycle in order to allow energy transfer from
the input inductor to the output capacitor. This minimum
off-time translates to a maximum duty cycle for the con-
verter. The equation above can be rearranged to obtain
the maximum output voltage for a given minimum input
or maximum duty cycle.
VO(MAX) =
VIN
1– DMAX
– VF
The equation for DMAX above can be used as an initial
guideline for determining the maximum duty cycle of the
application circuit. However, losses in the inductor, input
and output capacitors, the power MOSFETs, the sense
resistors and the controller (gate drive losses) all contrib-
ute to an increasing of the duty cycle. The effect of these
losses will be to decrease the maximum output voltage
for a given minimum input voltage.
After the initial calculations have been completed for an
application circuit, it is important to build a prototype of
the circuit and measure it over the entire input voltage
range, from light load to full load, and over temperature,
in order to verify proper operation of the circuit.
Peak and Average Input Currents
The control circuit in the LTC7840 measures the input
current (by means of resistors in the sources of the power
MOSFETs), so the output current needs to be reflected
back to the input in order to dimension the power
MOSFETs properly. Based on the fact that, ideally, the
output power is equal to the input power, the maximum
average input current is:
IIN(MAX) =
IO(MAX)
1– DMAX
The peak current in each inductor is:
IIN(PK) =
1
n
• 1
+ χ
2
⎛
⎝⎜
⎞
⎠⎟ •
IO(MAX)
1– DMAX
where n represents the number of phases and χ repre-
sents the percentage peak-to-peak ripple current in the
inductor. For example, if the design goal is to have 30%
ripple current in the inductor, then χ = 0.30, and the peak
current is 15% greater than the average.
Inductor Selection
Given an input voltage range, operating frequency and
ripple current, the inductor value can be determined using
the following equation:
L =
VIN(MIN)
∆IL • f
• DMAX
where:
∆IL =
χ
n
•
IO(MAX)
1– DMAX
Choosing a larger value of ∆IL allows the use of a lower
value inductor but results in higher output voltage ripple,
greater core losses, and higher ripple current ratings for
the input and output capacitors. A reasonable starting
point is 30% ripple current in the inductor (χ = 0.3), or:
∆IL =
0.3
n
•
IO(MAX)
1– DMAX
The inductor saturation current rating needs to be higher
than the worst-case peak inductor current during an
overload condition. If IO(MAX) is the maximum rated load
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com