Electronic Components Datasheet Search
  English  ▼

X  

LT3758 Datasheet(PDF) 16 Page - Analog Devices

Part # LT3758
Description  2-Phase Dual Output Nonsynchronous Boost Controller with Hiccup Mode
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3758 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT3758 Datasheet HTML 12Page - Analog Devices LT3758 Datasheet HTML 13Page - Analog Devices LT3758 Datasheet HTML 14Page - Analog Devices LT3758 Datasheet HTML 15Page - Analog Devices LT3758 Datasheet HTML 16Page - Analog Devices LT3758 Datasheet HTML 17Page - Analog Devices LT3758 Datasheet HTML 18Page - Analog Devices LT3758 Datasheet HTML 19Page - Analog Devices LT3758 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
LTC7840
16
Rev 0
For more information www.analog.com
OPERATION
Figure 5.
–
+
RUN
COMPARATOR
1.22V
7840 F05
VIN
LTC7840
RUN
10V
INTERNAL 4.5V
1µA
RA
4.5µA
SGND
BIAS AND
START-UP
CONTROL
RB
Programming the Input Voltage Turn-On
and Turn-Off Thresholds Using the RUN Pin
The start-up of each channel’s output voltage, VOUT, is
controlled by the voltage on its SS pin. When the voltage
on the SS pin is less than the 1.2V internal reference, the
LTC7840 regulates the VFB voltage to the SS pin voltage
instead of the 1.2V reference. This allows the SS pin to
be used to program the soft-start period by connecting
an external capacitor from the SS pin to SGND. An inter-
nal 10µA pull-up current charges this capacitor, creating
a voltage ramp on the SS pin. As the SS voltage rises
linearly from 0V to 1.2V (and beyond), the output volt-
age VOUT rises smoothly from zero to its final value. The
soft-start-up time can be estimated by:
1.2V
10µA
tSTART-UP = CSS •
= 0.12 • CSS
The SS pin has an internal open-drain NMOS pull-down
transistor that turns on when the RUN pin is pulled low,
when the voltage on the INTVCC pin or DRVCC pin is below
its undervoltage lockout threshold, or during an overtem-
perature condition.
Frequency Selection and Phase-Locked Loop
(FREQ and SYNC Pins)
The selection of switching frequency is a trade-off between
efficiency and component size. Low frequency opera-
tion increases efficiency by reducing MOSFET switching
losses, but requires larger inductance and/or capacitance
to maintain low output ripple voltage. The switching fre-
quency of the LTC7840’s controller can be selected using
the FREQ pin. If the SYNC pin is not being driven by an
external clock source, the FREQ pin can be used to pro-
gram the controller’s operating frequency from 50kHz to
425kHz. There is a precision 10µA current flowing out of
the FREQ pin, so the user can program the controller’s
switching frequency with a single resistor to SGND. The
curve in Figure 6 shows the relationship between the volt-
age on the FREQ pin and switching frequency.
A phase-locked loop (PLL) is integrated on the LTC7840
to synchronize the internal oscillator to an external clock
source that is connected to the SYNC pin. The PLL loop
filter network is also integrated inside the LTC7840. The
phase-locked loop is capable of locking to any frequency
within the range of 50kHz to 450kHz. The frequency set-
ting resistor should always be present to set the control-
ler’s initial switching frequency to the same value as the
synchronized frequency before locking to the external
clock. The lock-in time can be minimized by this way. It
also ensures that the operating frequency remains essen-
tially constant in the event the sync signal is lost. The
SYNC pin has an internal 100k resistor to ground.
Figure 6.
VFREQ (V)
0
0.5
1
1.5
2
2.5
3
0
100
200
300
400
500
7840 F06
Switching Frequency vs FREQ Pin Voltage
Power Good (PGOOD1, PGOOD2 Pins)
When either feedback voltage is not within ±10% of the
1.2V reference voltage, its respective PGOOD pin is pulled
low. A PGOOD pin will also pull low when its channel is in
the soft-start or UVLO. Both PGOOD pins pull low when



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com