Electronic Components Datasheet Search
  English  ▼

X  

LT3758 Datasheet(PDF) 17 Page - Analog Devices

Part # LT3758
Description  2-Phase Dual Output Nonsynchronous Boost Controller with Hiccup Mode
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3758 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT3758 Datasheet HTML 13Page - Analog Devices LT3758 Datasheet HTML 14Page - Analog Devices LT3758 Datasheet HTML 15Page - Analog Devices LT3758 Datasheet HTML 16Page - Analog Devices LT3758 Datasheet HTML 17Page - Analog Devices LT3758 Datasheet HTML 18Page - Analog Devices LT3758 Datasheet HTML 19Page - Analog Devices LT3758 Datasheet HTML 20Page - Analog Devices LT3758 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
LTC7840
17
Rev 0
For more information www.analog.com
OPERATION
the RUN pin is below 1.14V. The PGOOD pins will flag
power good immediately when their feedback voltages
are within ±10% of the reference window. However, there
is an internal 135µs power bad mask when feedback volt-
ages go out of the ±10% window. The PGOOD pins are
allowed to be pulled up by external resistors to sources
of up to 6V.
Multichip Operations (CLKOUT Pin)
The LTC7840 uses CLKOUT pin to allow multiple ICs to
be daisy-chained together for higher current multi-phase
applications. For a 4-phase design, the CLKOUT signal
of the master controller is connected to the SYNC input
of the slave controller in order to synchronize additional
power stages for a single high current output. Input
capacitance ESR requirements and efficiency losses are
substantially reduced because the peak current drawn from
the input capacitor is effectively divided by the number of
phases used, and power loss is proportional to the RMS
current squared. A two stage, single output voltage imple-
mentation can reduce input path power loss by 75% and
radically reduce the required RMS current rating of the input
capacitor(s).
In LTC7840, Channel 1 and Channel 2 have 180º phase
shift, whereas, CLKOUT signal has 90º phase shift relative
to Channel 1. The duty cycle of CLKOUT signal is 50%.
Using the LTC7840 Transconductance (gm) Error
Amplifier in Multi-Phase Applications
The LTC7840 error amplifier is a transconductance, or gm
amplifier, meaning that it has high DC gain but high output
impedance (the output of the error amplifier is a current
proportional to the differential input voltage). This style
of error amplifier greatly eases the task of implement-
ing a multi-phase solution, because the amplifiers from
two or more chips can be connected in parallel. In this
case the FB pins of multiple LTC7840s can be connected
together, as well as the ITH pins, as shown in Figure 7. The
gm of the composite error amplifier is simply n times the
transconductance of one amplifier, or gm(TOT) = n • 800μS,
where n is the number of amplifiers connected in paral-
lel. The transfer function from the ITH pin to the current
comparator inputs was carefully designed to be accurate,
both from channel-to-channel and chip-to-chip. This way
the peak inductor current matching is kept accurate.
Figure 7.
FREQ
VFB1
VFB2
CLKOUT
SYNC
LTC7840
MASTER
SGND
ITH
VOUT
DRVCC
SS1
SS2
RUN1
RUN2
ON/OFF
CONTROL
ALL RUN PINS
CONNNECTED
TOGETHER
INDIVIDUAL
DRVCC PINS
LOCALLY
DECOUPLED
FREQ
VFB1
VFB2
†
†
CLKOUT
SYNC
LTC7840
SLAVE
SGND
ITH
DRVCC
SS1
SS2
RUN1
RUN2
7840 F06
ALL SS PINS
CONNNECTED
TOGETHER
ALL FB PINS
CONNECTED
TOGETHER
ALL ITH PINS
CONNECTED
TOGETHER
* R = 100
† CX = 100pF
*
*
LTC7840 Error Amplifier Configuration for Multi-Phase Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com