Electronic Components Datasheet Search
  English  ▼

X  

EM65101AF Datasheet(PDF) 52 Page - ELAN Microelectronics Corp

Part # EM65101AF
Description  128COM/160SEG 16 Gray Scale Level LCD Driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65101AF Datasheet(HTML) 52 Page - ELAN Microelectronics Corp

Back Button EM65101AF Datasheet HTML 48Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 49Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 50Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 51Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 52Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 53Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 54Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 55Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 56Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 83 page
background image
EM65101
128COM/160SEG 16 Gray Scale Level LCD Driver
46
•
Product Specification (V0.4) 08.15.2005
(This specification is subject to change without further notice)
8.2.4 Display Control Display (1) Register
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2 RE1 RE0
0
1
0
1
SHIFT
*
ALL
ON
ON/
OFF
0
1
1
0
0
0
0
(At the time of reset: {SHIFT, ALLON, ON/OFF}=0H, read address: 5H)
ON/OFF:
Control display ON/OFF
ON/OFF = “0”: Display OFF
ON/OFF = “1”: Display ON
ALLON:
Regardless of the data for display, all is ON.
This control has priority over display normal/reverse commands.
ALLON = “0”: Normal display
ALLON = “1”: All display lighted
SHIFT
The shift direction of display scanning data in the common driver output is selected.
SHIFT = “0”: COM0 COM127 shift-scan
SHIFT = “1”: COM127 COM0 shift-scan
8.2.5 Display Control (2) Register
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2 RE1 RE0
0
1
1
0
REV NLIN EOR REF
0
1
1
0
0
0
0
(At the time of reset: {REV, NLIN, EOR, REF} = 0H, read address: 6H)
REV:
To the corresponding display RAM data, the lighting or non-lighting control of the
display is set.
REV =”0”: When RAM data is “H,” and LCD at ON voltage (normal)
REV =”1”: When RAM data is “L,” and LCD at ON voltage (reverse)
NLIN:
The n-line alternate drive NLIN control.
NLIN = “0”: n-line alternate drive is OFF. In each frame, the alternate signals (M) are
reversed.
NLIN =”1”: n-line alternated drive is ON. Depending on data set up in the n-line
alternated register, alternation is made.
EOR:
The n-line alternate drive EOR control.
EOR=0:
M always reverses at the nth raster row regardless of whether the end of a
frame is reached.
EOR=1:
M reverses at the nth raster row and restarts the raster row count at the start
of every frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com