Electronic Components Datasheet Search
  English  ▼

X  

EM65101AF Datasheet(PDF) 72 Page - ELAN Microelectronics Corp

Part # EM65101AF
Description  128COM/160SEG 16 Gray Scale Level LCD Driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65101AF Datasheet(HTML) 72 Page - ELAN Microelectronics Corp

Back Button EM65101AF Datasheet HTML 68Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 69Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 70Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 71Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 72Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 73Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 74Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 75Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 76Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 83 page
background image
EM65101
128COM/160SEG 16 Gray Scale Level LCD Driver
66
•
Product Specification (V0.4) 08.15.2005
(This specification is subject to change without further notice)
*12 VOUT pin. When the built-in oscillating circuit, the built-in power supply, and the voltage (boosted 3 times) are
used, this pin is applied. When VEE = 2.4 ~ 3.3V, the electronic control is set to code (“1 1 1 1 1 1 1”).
Measuring conditions: bias=1/4~1/13, 1/128 duty, without loading. RL=500 KΩ (between VOUT and VSS),
C1=C2=1.0µF, C3=0.1µF, DCON=AMPON=”1,” BF=”11”
*13 VOUT pin. When the built-in oscillating circuit, the built-in power supply, and the voltage (boosted 2 times) are
used, this pin is applied. When VEE = 2.4 ~ 3.3V, the electronic control is set to code (“1 1 1 1 1 1 1”).
Measuring conditions: bias=1/4~1/13, 1/128 duty, without loading. RL=500 KΩ (between VOUT and VSS),
C1=C2=1.0µF, C3=0.1µF, DCON=AMPON=”1,” BF=”11”
*14 VDD, VEE pin. When the built-in oscillating circuit and the built-in power supply are used and there is no access
from MPU, this pin is applied. Display ALL ON pattern {Rf3, Rf2, Rf1, Rf0 = (“0 0 0 0 ”)} and the LCD driver pin has
no loading. Measuring conditions: VDD=VEE=3V, V0=15V, C1=C2=1.0µF, C3=0.1µF, DCON=AMPON=”1,”
NLIN=”0,” 1/128 duty, 1/12 bias
*15 VDD, VEE pin. When the built-in oscillating circuit and the built-in power supply are used and there is no access
from MPU, this pin is applied. Voltage which is boosted 6 times is used and the electronic control is set to code.
Display a checkered pattern, {Rf3, Rf2, Rf1, Rf0 = (“0 0 0 0 ”)} and the LCD driver pin has no loading. Measuring
conditions: VDD=VEE=3V, V0=15V, C1=C2=1.0µF, C3=0.1µF, DCON=AMPON=”1” , NLIN=”0,” 1/128 duty, 1/12
bias
*16 VBA pin. Measuring conditions: N times boosting (N=2~6), electronic control = “1 1 1 1 1 1 1,” display a checkered
pattern, DCON=AMPON=”1,” NLIN=”0,” 1/128 duty, VDD=VEE, C1=C2=1.0µF, C3=0.1µF, no loading
*17 VREF pin. Measuring conditions: VDD = 3 volt, N times boosting (N=2 ~ 6), electronic control = “1 1 1 1 1 1 1,”
DCON=AMPON=”1,” NLIN=”0,” 1/128 duty.
The relationship of oscillating frequency (fosc) and external clock frequency (fCK) with
LCD frame frequency (fFLM) in each display mode is shown below:
Ratio of Display Duty Cycle (1/D)
Original
Oscillating
Clock
Display Mode
1/128 to 1/89
1/88 to 1/44
1/43 to 1/22
1/21 to 1/11
1/10~1/8
When using
the built-in
oscillating
circuit (fosc)
Simple 16 gray
scale levels
fosc/(2*16*D)
fosc/(4*16*D) fosc/(8*16*D) fosc/(16*16*D) fosc/(32*16*D)
When using
the external
clock from CK
pin (fCK)
Simple 16 gray
scale levels
fCK/(2*16*D)
fCK/(4*16*D)
fCK/(8*16*D) fCK/(16*16*D) fCK/(32*16*D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com