Electronic Components Datasheet Search
  English  ▼

X  

EM65101AF Datasheet(PDF) 53 Page - ELAN Microelectronics Corp

Part # EM65101AF
Description  128COM/160SEG 16 Gray Scale Level LCD Driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65101AF Datasheet(HTML) 53 Page - ELAN Microelectronics Corp

Back Button EM65101AF Datasheet HTML 49Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 50Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 51Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 52Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 53Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 54Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 55Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 56Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 57Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 83 page
background image
EM65101
128COM/160SEG 16 Gray Scale Level LCD Driver
Product Specification (V0.4) 08.15.2005
• 47
(This specification is subject to change without further notice)
REF:
When MPU accesses display RAM, address X and data are switched. The
following figure shows the action of the REF.
1 1 0 0 0 1 0 1 1 0 1 0 0 0 0 1
1 0 1 1 0 0 1 1 1 1 1 0 0 1 1 1
00H
01H
4EH
4FH
SEG156
SEG157
SEG0
SEG1
SEG2
SEG3
SEG159
SEG158
1 1 1 0 0 1 1 1 1 0 1 1 0 0 1 1
1 0 1 0 0 0 0 1 1 1 0 0 0 1 0 1
1 1 0 0
0 1 0 1
1 0 1 0
0 0 0 1
0 1 1 1 1 1 1 0 0 0 1 1 1 0 1 1
Figure 8-1 REF Register Function
8.2.6 Increment Control Register Set
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2 RE1 RE0
0
1
1
1
WIN AIM AYI AXI
0
1
1
0
0
0
0
(At the tine of reset: {WIN, AIM, AYI, AXI} = 0H, read address: 7H)
This register controls the increment mode and the window function when accessing
display RAM. The increment operation of the AXI and AYI registers are controlled by
the settings at the AIM, AYI, and AXI registers, and every write or read access to
display RAM. The AYI register directly connects to display RAM as Y address. The
AXI register connects to the address converter, and then outputs to display RAM as X
address in auto increment mode. The AXI and AYI registers are incremented, but do
not directly increment the X and Y addresses.
When setting this control register, the address increment operation can be made
without setting successive addresses for writing or reading data to display RAM from
MPU.
The WIN register is used for window function control.
WIN=”0”: Normal RAM access
WIN=”1”: Window function access
When using the window function to access RAM, be sure to set the following register
first.
WIN=”1,” AXI=”1,” AYI=”1”
X Address, Y Address, Window X End Address, Window Y End Address
In addition, the following condition must be met.
Window end X address ≧ Window start X address
Window end Y address ≧ Window start Y address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com