Electronic Components Datasheet Search
  English  ▼

X  

EM65101AF Datasheet(PDF) 64 Page - ELAN Microelectronics Corp

Part # EM65101AF
Description  128COM/160SEG 16 Gray Scale Level LCD Driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65101AF Datasheet(HTML) 64 Page - ELAN Microelectronics Corp

Back Button EM65101AF Datasheet HTML 60Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 61Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 62Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 63Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 64Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 65Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 66Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 67Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 68Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 83 page
background image
EM65101
128COM/160SEG 16 Gray Scale Level LCD Driver
58
•
Product Specification (V0.4) 08.15.2005
(This specification is subject to change without further notice)
8.2.19 Line Reverse End Address
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2 RE1 RE0
1
0
0
1
LE3 LE2 LE1 LE0
0
1
1
0
0
0
1
(At the time of reset: {LE3, LE2, LE1, LE0} = 0H, read address: 9H)
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2 RE1 RE0
1
0
1
0
*
LE6 LE5 LE4
0
1
1
0
0
0
1
* = Don’t Care
(At the time of reset: { LE6, LE5, LE4} = 0H, read address: AH)
The LE registers sets the line reverse end address.
LE6
LE5
LE4
LE3
LE2
LE1
LE0
End Common Number
0
0
0
0
0
0
0
COM0
0
0
0
0
0
0
1
COM1
:
:
:
:
:
:
:
:
1
1
1
1
1
1
0
COM126
1
1
1
1
1
1
1
COM127
8.2.20 Line Reverse Control
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2 RE1 RE0
1
0
1
1
*
*
BT LREV
0
1
1
0
0
0
1
* = Don’t Care
(At the time of reset: {BT, LREV} = 0H, read address: BH)
LREV:
is the register that sets the line reverse display function.
LREV = “0”: Normal display (Not reverse).
LREV = “1”: Line reverse display enable.
The area specified by the Line Reverse Start/End register reverses the display.
BT:
is the register that selects the reverse type.
When using the Line Reverse Display function, the LS and LE registers must meet the
following condition.
LS ≦ LE
The BT register control line reverse type is an option of the line reverse display
function. This BTs setting is only available when LREV=”1”
BT = “0”: Reverse display
BT = “1”: Reverse display at each 32 frame.
Display change
each 32 frame
Figure 8-5 Blink Example (LREV=”1,” BT=”1”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com