Electronic Components Datasheet Search
  English  ▼

X  

EM65101AF Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EM65101AF
Description  128COM/160SEG 16 Gray Scale Level LCD Driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65101AF Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM65101AF Datasheet HTML 3Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 4Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 5Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 6Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 7Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 8Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 9Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 10Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 83 page
background image
EM65101
128COM/160SEG 16 Gray Scale Level LCD Driver
Product Specification (V0.4) 08.15.2005
• 1
(This specification is subject to change without further notice)
1
General Description
The EM65101 is an LCD controller for 16-level gray scale graphic dot-matrix liquid
crystal display system. It is a (160 x 128) for segment and common driver circuit. It has
a built-in display RAM, a power supply circuit for LCD driver. It also supports EEPROM
function for programming information to tune the VLCD offset voltage to get the best
contrast which helps in compacting system design. Its “partial display”
1 function
realizes results in low power consumption.
2
Feature
16-level gray scale display with the PWM method
LCD output circuit:
160 segment / 128 common outputs
Display RAM capacity: 128 x 160 x 4 = 81920 bits
Built-in display RAM and power supply circuit:
Booster: 2 to 6 times
On-chip electronic contrast function (65 steps)
Voltage follower (LCD bias: 1/4 to 1/13)
Partial display function
Microprocessor interface:
8-bit parallel bi-direction interface with the 6800-series or 8080-series
4-line Serial Peripheral Interface (4-line SPI)
3-line Serial Peripheral Interface (3-line SPI)
Operating voltage range:
Logical power supply voltage: 2.2 to 3.3 V
Analog power supply voltage: 2.4 to 3.3 V
Screen scrolling function
EEPROM function to change the tuning LCD operating voltage Vop
Write cycle time: 200 ns
Package:
Part Number
Package
EM65101AH
*
Bare chip (aluminum pad without bump, see Figure 4-1 below)
EM65101AGH
*
Gold bumped chip
EM65101AF
*
COF chip
EM65101AT
*
TAB (TCP) chip
* EM65101=ELAN base P/N; A=package type version; H/GH/F/T=packaging category
1 A function that utilizes only part of the screen, thus reducing power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com