Electronic Components Datasheet Search
  English  ▼

X  

EM65101AF Datasheet(PDF) 74 Page - ELAN Microelectronics Corp

Part # EM65101AF
Description  128COM/160SEG 16 Gray Scale Level LCD Driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65101AF Datasheet(HTML) 74 Page - ELAN Microelectronics Corp

Back Button EM65101AF Datasheet HTML 70Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 71Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 72Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 73Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 74Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 75Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 76Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 77Page - ELAN Microelectronics Corp EM65101AF Datasheet HTML 78Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 83 page
background image
EM65101
128COM/160SEG 16 Gray Scale Level LCD Driver
68
•
Product Specification (V0.4) 08.15.2005
(This specification is subject to change without further notice)
VSS=0V, VDD = 2.2~2.4V, Ta = -30~+85℃
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Pin
Used
Address hold time
tAH8
0
ns
Address setup time
tAS8
0
ns
CSB
RS
System cycle time in
write
tCYCWR8
500
ns
Write pulse “L” width tWRLW8
100
ns
Write pulse “H” width tWRHW8
350
ns
WRB
(R/WB)
Data setup time
tDS8
100
ns
Data hold time
tDH8
20
ns
D0~D7
11.2 80-Family MCU Read Timing
tAS8
tAH8
tRDLW8
tRDHW8
tRDD8
tRDH8
tCYCRD8
CSB
RS
RDB
D0-D7
Figure 11-2 80-Family MCU Read Timing Diagram
VSS=0V, VDD = 2.7~3.3V, Ta = -30~+85℃
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Pin Used
Address hold time
tAH8
0
ns
Address setup time
tAS8
0
ns
CSB
RS
System cycle time
in read
tCYCRD8
380
ns
Read pulse “L”
width
tRDLW8
200
ns
Read pulse “H”
width
tRDHW8
170
ns
RDB(E)
Data setup time
tRDD8
CL = 80 pF
210
ns
Data hold time
tRDH8
10
ns
D0~D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com