Electronic Components Datasheet Search
  English  ▼

X  

LTC4155 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC4155
Description  2.5A Supercapacitor Backup Power Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4155 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC4155 Datasheet HTML 2Page - Analog Devices LTC4155 Datasheet HTML 3Page - Analog Devices LTC4155 Datasheet HTML 4Page - Analog Devices LTC4155 Datasheet HTML 5Page - Analog Devices LTC4155 Datasheet HTML 6Page - Analog Devices LTC4155 Datasheet HTML 7Page - Analog Devices LTC4155 Datasheet HTML 8Page - Analog Devices LTC4155 Datasheet HTML 9Page - Analog Devices LTC4155 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LTC4041
6
Rev A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
ISCAP vs VSCAP with Different
PROG Resistor Values
Step-Down Charger Efficiency
vs VSCAP
VCAPFB vs Temperature
Step-Down Charger Oscillator
Frequency vs Temperature
Step-Down Charger PMOS
On-Resistance vs VSYS
Step-Down Charger NMOS
On-Resistance vs VSYS
Charging Profile: Two 10F
Supercapacitors In Series
TA = 25°C, unless otherwise noted.
Normal to Backup Mode
Transition Waveform
Backup to Normal Mode
Transition Waveform
VCHG = 4.5V
VSYS = 5V
RPROG = 806
RPROG = 1.33k
RPROG = 2k
RPROG = 4.02k
VSCAP (V)
0
0.8
1.6
2.4
3.2
4.0
4.8
0
0.5
1.0
1.5
2.0
2.5
3.0
4041 G01
VSYS = 5V
RPROG = 806
RPROG = 1.33k
RPROG = 2k
RPROG = 4.02k
VSCAP (V)
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5
0
10
20
30
40
50
60
70
80
90
100
4041 G02
VSYS = 5V
TEMPERATURE (°C)
–45
–10
25
60
95
130
780
785
790
795
800
805
810
815
820
4041 G03
VSYS = 5.5V
VSYS = 5.0V
VSYS = 2.9V
TEMPERATURE (°C)
–45
–10
25
60
95
130
1.80
1.90
2.00
2.10
2.20
2.30
2.40
2.50
4041 G04
130°C
25°C
–45°C
VSYS (V)
2.9
3.2
3.5
3.8
4.1
4.4
4.7
5.0
50
75
100
125
150
175
200
225
250
4041 G05
130°C
25°C
–45°C
VSYS (V)
2.9
3.2
3.5
3.8
4.1
4.4
4.7
5.0
50
75
100
125
150
175
200
225
250
4041 G06
VSYS = 5V
RPROG = 1k
VCHG = 4.5V
2s/DIV
VSCAP
2V/DIV
0V
ISCAP
1A/DIV
0A
4041 G07
VSCAP = 3.5V
ISYS = 1A
RPROG = 2k
CSYS = 100µF
200µs/DIV
VIN
1V/DIV
VSYS
1V/DIV
ISCAP
2A/DIV
0V
0A
4041 G09
VSCAP = 3.5V
RPROG = 2k
ISYS = 1A
2ms/DIV
VIN
1V/DIV
VSYS
1V/DIV
ISCAP
1A/DIV
0A
0V
4041 G08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com