Electronic Components Datasheet Search
  English  ▼

X  

LTC4155 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4155
Description  2.5A Supercapacitor Backup Power Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4155 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4155 Datasheet HTML 7Page - Analog Devices LTC4155 Datasheet HTML 8Page - Analog Devices LTC4155 Datasheet HTML 9Page - Analog Devices LTC4155 Datasheet HTML 10Page - Analog Devices LTC4155 Datasheet HTML 11Page - Analog Devices LTC4155 Datasheet HTML 12Page - Analog Devices LTC4155 Datasheet HTML 13Page - Analog Devices LTC4155 Datasheet HTML 14Page - Analog Devices LTC4155 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LTC4041
11
Rev A
For more information www.analog.com
BLOCK DIAGRAM
CHARGER
CTRL
ENABLE
BAL
BUCK/BOOST
SUPERCAP CHARGER
BOOST BACKUP
BOOST
CTRL
+
–
+
–
+
–
+
–
+
–
14
8
13
20
25
12
23
18
21
4
5
22
10
11
L1
2
9
16
15
+
–
6
7
17
CP1
6V
OVERVOLTAGE PROTECTION
PWM
OT
6.2k
INPUT
CCPF
CPF
OVSNS
PFI
PFO
CAPFLT
CAPGD
CAPSEL
GND
CAPFB
4041 BD
PROG
RPROG
RFB1
RFB2
BAL
SCAP
CHGEN
BSTEN
SW
SW
BSTFB
RSTFB
RBFB1
RBFB2
COUT
CSCAP
CSCAP
SYSGD
SYSTEM
VSYS
VSYS
MN2
CLN
IMON AMPLIFIER
AV = 32
IGATE
VIN
MN1
1.19V
6.4k
–20mV
BAL
(SCAP-BAL)
0.74V
CAPFB
10µA
SUPERCAP
FAULT
LOGIC
POWER-FAIL
COMPARARTOR
RPF1
RPF2
19
2.7V
BAL
(SCAP-BAL) OR SCAP
0.8V 0.8V
0.8V
SUPERCAP
BALANCER
0.8V
0.74V
RS
1
24
3
IMON
IMON
2M
2M
+–
+
–
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com