Electronic Components Datasheet Search
  English  ▼

X  

LTC4155 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC4155
Description  2.5A Supercapacitor Backup Power Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4155 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC4155 Datasheet HTML 13Page - Analog Devices LTC4155 Datasheet HTML 14Page - Analog Devices LTC4155 Datasheet HTML 15Page - Analog Devices LTC4155 Datasheet HTML 16Page - Analog Devices LTC4155 Datasheet HTML 17Page - Analog Devices LTC4155 Datasheet HTML 18Page - Analog Devices LTC4155 Datasheet HTML 19Page - Analog Devices LTC4155 Datasheet HTML 20Page - Analog Devices LTC4155 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LTC4041
17
Rev A
For more information www.analog.com
Programming the Supercapacitor Charge Voltage
The charge voltage for a supercapacitor or a stack of
supercapacitors is set by an external resistor divider as
shown in Figure 2. The charge voltage is given by the
following equation:
VCHG = 0.8V • 1+
RFB1
RFB2
⎛
⎝
⎜
⎜⎜
⎞
⎠
⎟
⎟⎟
where 0.8V is the typical CAPFB pin servo voltage
(VCAPFB). Typical values for RFB1 and RFB2 are in the range
of 40k to 2MΩ. Small resistor values result in higher leak-
age current that will discharge the supercapacitor. If the
resistor values are too large, the parasitic capacitance on
the CAPFB pin could create an additional pole and cause
loop instability.
APPLICATIONS INFORMATION
Programming the Input Voltage Threshold for the
Power-Fail Comparator
The input voltage threshold below which the power-fail
status pin PFO indicates a power-fail condition and the
LTC4041 activates the backup boost operation can be
programmed by using a resistor divider from the supply
to GND via the PFI pin such that:
VIN(PF) = 1.19V • 1+
RPF1
RPF2
⎛
⎝
⎜
⎜⎜
⎞
⎠
⎟
⎟⎟
where 1.19V is the typical power fail threshold voltage
(VPFI). See Block Diagram. The power fail threshold volt-
age should be set to a level between 200mV to 300mV
Figure 2. Programming the Charge Voltage
below the nominal input supply voltage so that supply
transients do not trip the comparator. On the other hand,
it should be set high enough so that the VSYS voltage
does not drop enough to trip the SYSGD comparator dur-
ing the transition to backup mode. For applications using
the overvoltage protection (OVP) module, select a value
greater than 35k for RPF1.
Programming the Supercapacitor Charge Current
Supercapacitor charge current is programmed using a
single resistor from the PROG pin to ground. To set a
charge current of ICHG, the PROG pin resistor value can
be determined using the following equation:
RPROG = 2500 •
0.8V
ICHG
=
2000V
ICHG
where 0.8V is the typical PROG pin servo voltage (VPROG).
For example, to set the charge current to 1A, the value
of the PROG pin resistor should be 2k. The minimum
recommended charge current is 500mA, below which the
accuracy of the charge current suffers. This corresponds
to a maximum RPROG resistor of 4k. The maximum charge
current is 2.5A.
Programming the Input Current Limit and IMON
Monitor
The input current limit is programmed by connecting a
series resistor between the VIN and CLN pins. To limit the
total system current to ISYSLIM, the value of the required
resistor can be calculated using the following equation:
RS =
25mV
ISYSLIM
For example, to set the current limit to 2A, the series
resistor should be 12.5mΩ. As discussed in the Operation
section, the LTC4041 does not limit the system current
but reduces the charge current to zero in the event the
system load exceeds this limit.
LTC4041
RFB1
RFB2
4041 F02
SCAP
CAPFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com