Electronic Components Datasheet Search
  English  ▼

X  

LTC4155 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC4155
Description  2.5A Supercapacitor Backup Power Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4155 Datasheet(HTML) 1 Page - Analog Devices

  LTC4155 Datasheet HTML 1Page - Analog Devices LTC4155 Datasheet HTML 2Page - Analog Devices LTC4155 Datasheet HTML 3Page - Analog Devices LTC4155 Datasheet HTML 4Page - Analog Devices LTC4155 Datasheet HTML 5Page - Analog Devices LTC4155 Datasheet HTML 6Page - Analog Devices LTC4155 Datasheet HTML 7Page - Analog Devices LTC4155 Datasheet HTML 8Page - Analog Devices LTC4155 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTC4041
1
Rev A
For more information www.analog.com
TYPICAL APPLICATION
FEATURES
DESCRIPTION
2.5A Supercapacitor
Backup Power Manager
The LTC®4041 is a complete supercapacitor backup sys-
tem for 2.9V to 5.5V supply rails. It contains a high cur-
rent step-down DC/DC converter to charge a single super-
capacitor or two supercapacitors in series. When input
power is unavailable, the step-down regulator operates
in reverse as a step-up regulator to backup the system
output from the supercapacitor(s).
The LTC4041’s adjustable input current limit function
reduces charge current to protect the input supply from
overload while an external disconnect switch isolates the
input supply during backup. When the input supply drops
below the adjustable PFI threshold, the 2.5A boost regula-
tor delivers power from the supercapacitor to the system
output.
An optional input overvoltage protection (OVP) circuit
protects the LTC4041 from high voltage damage at the VIN
pin. An internal supercapacitor balancing circuit maintains
equal voltages across each supercapacitor and limits the
maximum voltage of each supercapacitor to a pre-deter-
mined value. The LTC4041 is available in a low profile
(0.75mm) 24-Lead 4mm × 5mm QFN package.
Single Supercapacitor 3.3V Backup Application
Complete Backup Event with
a Single 10F Supercapacitor
APPLICATIONS
n
2.5A Step-Down Supercapacitor Charger and 2.5A
Step-Up Backup Supply
n
6.5A Switches for 2.5A Backup from One
Supercapacitor or Two in Series
n
Input Current Limit Prioritizes Load over
Charge Current
n
Input Disconnect Switch Isolates Input During Backup
n
Automatic Seamless Switch-Over to Backup Mode
n
Internal Supercapacitor Balancer (No External
Resistors)
n
Programmable Charge Current and Charge Voltage
n
Input Power Fail Indicator
n
System Power Good Indicator
n
Optional OVP Circuitry Protects Device to >60V
n
Constant Frequency Operation
n
Thermally Enhanced 24-Lead 4mm × 5mm
QFN Package
n
Ride-Through “Dying Gasp” Supplies
n
High Current Ride-Through 3V to 5V UPS
n
Power Meters/Industrial Alarms
n
Servers/Solid State Drives
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. Patents, including 6522118, 6570372, 6700364, 8139329.
12m
1.07M
340k
2.2µH
100µF
2.2µF
121k
75k
10F
698k
348k
VIN
PFO
CLN
IGATE
VSYS
BSTFB
RSTFB
SW
SCAP
CHGEN BSTEN
CAPSEL
CAPFLT
CAPFB
SYSGD
CAPGD
IMON
GND
PFI
OVSNS
CPF PROG
LTC4041
3.3V
INPUT
SUPPLY
3.3V
SYSTEM
OUTPUT
SUPERCAP
PINS NOT USED
IN THIS CIRCUIT:
BAL
1nF
1k
4041 TA01a
PBACKUP = 3.3W = 3.3V @ 1A
CSYS = 100µF
3.8 seconds
600ms/DIV
VIN
1V/DIV
VSYS
1V/DIV
VSCAP
1V/DIV
VSYSGD
2V/DIV
0V
0V
4041 TA01b
Document Feedback


Similar Part No. - LTC4155

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4155 LINER-LTC4155 Datasheet
391Kb / 52P
Dual-Input Power Manager
logo
Analog Devices
LTC4155 AD-LTC4155 Datasheet
1Mb / 48P
35V/3.2A Lead-Acid Step-Down Battery Charger with PowerPath and I2C Telemetry
01/19-REV.B
LTC4155 AD-LTC4155 Datasheet
1Mb / 52P
35V/3.2A Multicell Lithium-Ion Step-Down Battery Charger with PowerPath and I2C Telemetry
10/18-REV.A
LTC4155 AD-LTC4155 Datasheet
1Mb / 52P
35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
10/18-REV.A
logo
Linear Technology
LTC4155EUFD LINER-LTC4155EUFD Datasheet
981Kb / 8P
Dual Input Power Manager/3.5A Li-Ion Battery Charger with I2C Control and USB OTG
More results

Similar Description - LTC4155

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
Battery Backup System Manager
logo
Active-Semi, Inc
ACT2802QL-T ACTIVE-SEMI-ACT2802QL-T Datasheet
181Kb / 5P
5V/2.5A Backup Battery Pack Manager
Rev 0, 06-Nov-13
ACT2802 ACTIVE-SEMI-ACT2802 Datasheet
586Kb / 21P
5V/2.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
logo
Linear Technology
LTC4040 LINER-LTC4040_15 Datasheet
1Mb / 26P
2.5A Battery Backup Power Manager
LTC4110 LINER-LTC4110_15 Datasheet
460Kb / 52P
Battery Backup System Manager
logo
Active-Semi, Inc
ACT2802 ACTIVE-SEMI-ACT2802_16 Datasheet
885Kb / 25P
5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
ACT2802QL-T1026 ACTIVE-SEMI-ACT2802QL-T1026 Datasheet
897Kb / 25P
5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
logo
Linear Technology
LTC4040 LINER-LTC4040 Datasheet
347Kb / 6P
Battery Charger and Backup Power Manager
LTC4091 LINER-LTC4091 Datasheet
629Kb / 26P
36V Battery Charger and Power Backup Manager
logo
Maxim Integrated Produc...
MAX38886 MAXIM-MAX38886 Datasheet
628Kb / 12P
2.5V to 5.0V, 0.5A/2.5A, Charge/Discharge Regulator for Supercapacitor Backup Applications
Rev 1; 8/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com