Electronic Components Datasheet Search
  English  ▼

X  

LTC4155 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC4155
Description  2.5A Supercapacitor Backup Power Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4155 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC4155 Datasheet HTML 6Page - Analog Devices LTC4155 Datasheet HTML 7Page - Analog Devices LTC4155 Datasheet HTML 8Page - Analog Devices LTC4155 Datasheet HTML 9Page - Analog Devices LTC4155 Datasheet HTML 10Page - Analog Devices LTC4155 Datasheet HTML 11Page - Analog Devices LTC4155 Datasheet HTML 12Page - Analog Devices LTC4155 Datasheet HTML 13Page - Analog Devices LTC4155 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LTC4041
10
Rev A
For more information www.analog.com
PIN FUNCTIONS
IGATE (Pin 15): Gate Pin for the External N-Channel
FET(s). This pin is driven by an internal charge pump
to develop sufficient overdrive to fully enhance the pass
transistors. The first pass transistor, connected between
the input power supply and VIN, is a part of the optional
overvoltage protection module. The second pass transis-
tor, connected between VIN and VSYS, is mandatory and
is used to disconnect the system from the input supply
during backup mode.
OVSNS (Pin 16): Overvoltage Protection Sense Input. If
the overvoltage feature is used, the OVSNS pin should
be connected through a 6.2k resistor to the input power
supply and the drain of an N-channel MOS pass transistor.
If not, this pin should be shorted to VIN. When voltage is
detected on OVSNS, it draws a small amount of current
to power a charge pump which then provides gate drive
to IGATE to energize the external transistor(s). When the
voltage on this pin exceeds 6V (typical), IGATE is pulled
to GND to disable the pass transistor and protect the
LTC4041 from high voltage.
CPF (Pin 17): Minimum Backup Time (tMIN-BACKUP)
Program Pin. Connect a capacitor to this pin to set
tMIN-BACKUP.Whenbackupmodeisinitiated,theLTC4041’s
backup boost converter stays on for at least tMIN-BACKUP
to prevent any unwanted mode switching. The output of
the power-fail comparator is ignored during this time. Do
not tie this pin to GND or leave it unconnected.
BSTFB (Pin 18): Feedback Input for the Backup Boost
Regulator. During backup operation, the voltage on this
pin servos to 0.8V.
PFI (Pin 19): Power-Fail Input. High impedance input to
an accurate comparator (power-fail) with a 1.19V falling
threshold and 40mV hysteresis. PFI controls the state of
the PFO output pin and sets the input voltage threshold
below which the boost backup is initiated. This thresh-
old voltage also represents the minimum voltage above
which the step-down supercapacitor charger is enabled
and power is allowed to flow from the input to the output
through the external pass transistor(s).
CAPSEL (Pin 20): Supercapacitor Stack Selector Pin. Tie
this pin to a voltage higher than 1.2V if a stack of two
supercapacitors is connected to the SCAP pin or to GND
if a single supercapacitor is connected to the SCAP pin.
Do not leave this pin unconnected.
SW (Pins 21, 22): Switch Pins for the Buck Charger and
the Boost Backup Converter. A 1μH to 2.2μH inductor
should be connected from SW to SCAP.
SCAP (Pin 23): Supercapacitor Pin. Connect a single
supercapacitor or the top of a two-supercapacitor stack
to this pin. Depending on the availability of input power,
the supercapacitor (or the stack) will either deliver power
to VSYS via the boost converter or be charged from VSYS
via the buck charger.
GND (Exposed Pad Pin 25): The exposed pad must
be soldered to the PCB to provide a low electrical and
thermal impedance connection to the printed circuit
board’s ground. A continuous ground plane on the sec-
ond layer of a multilayer printed circuit board is strongly
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com