Electronic Components Datasheet Search
  English  ▼

X  

TMP114 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMP114
Description  TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP114 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP114 Datasheet HTML 2Page - Texas Instruments TMP114 Datasheet HTML 3Page - Texas Instruments TMP114 Datasheet HTML 4Page - Texas Instruments TMP114 Datasheet HTML 5Page - Texas Instruments TMP114 Datasheet HTML 6Page - Texas Instruments TMP114 Datasheet HTML 7Page - Texas Instruments TMP114 Datasheet HTML 8Page - Texas Instruments TMP114 Datasheet HTML 9Page - Texas Instruments TMP114 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
Over free-air temperature range and VDD = 1.08 V to 1.98 V (unless otherwise noted); Typical specifications are at TA = 25 °C
and VDD = 1.2 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
IDD_ACTIV
E
Supply current during active
conversion
Serial bus inactive
TA = 25 °C
68
110
µA
TA = -40 °C to 125 °C
150
IDD
Average current consumption
Continuous Conversion
cycle = 1 Hz
Serial bus inactive
AVG = 0
TA = 25 °C
0.63
1.5
µA
TA = -40 °C to 125 °C
3.5
Continuous Conversion
cycle = 1 Hz
Serial bus inactive
AVG = 1
TA = 25 °C
3.5
6
TA = -40 °C to 125 °C
8.5
ISB
Standby current
Continuous mode
Serial bus inactive
Between active
conversions
TA = 25 °C
0.26
0.7
µA
TA = -40 °C to 125 °C
3
ISD
Shutdown current
Serial bus inactive
TA = 25 °C
0.16
0.5
uA
TA = -40 °C to 125 °C
2.5
VPOR
Power supply thresholds
Supply rising, Power-on
Reset
0.97
V
VBOR
Power supply thresholds
Supply failing, Brown-out
Detect
0.92
tINIT
Initialization time after Power-on
Reset
1
ms
tRESET
Reset recovery time
Soft Reset or General Call
Reset
1
ms
(1)
Temperature Accuracy guaranteed in both continuous conversion mode and one-shot mode with a conversion period greater than or
equal to 31.25 ms. Averaging on or Averaging off.
(2)
Repeatability is the ability to reproduce a reading when the measured temperature is applied consecutively, under the same conditions.
(3)
One-shot mode setup, 1 sample per minute for 24 hours.
(4)
Long-term drift is determined using accelerated operational life testing at a junction temperature of 150°C. Temperature Cycling and
Hysteresis effect is calculated out of final datasheet value.
TMP114
SNIS214A – JUNE 2021 – REVISED SEPTEMBER 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com