Electronic Components Datasheet Search
  English  ▼

X  

TMP114 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMP114
Description  TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP114 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMP114 Datasheet HTML 14Page - Texas Instruments TMP114 Datasheet HTML 15Page - Texas Instruments TMP114 Datasheet HTML 16Page - Texas Instruments TMP114 Datasheet HTML 17Page - Texas Instruments TMP114 Datasheet HTML 18Page - Texas Instruments TMP114 Datasheet HTML 19Page - Texas Instruments TMP114 Datasheet HTML 20Page - Texas Instruments TMP114 Datasheet HTML 21Page - Texas Instruments TMP114 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
8.4.2.1 One-Shot Temperature Conversions
When the OS bit is set to 1b in the Configuration register, the TMP114 immediately start a one-shot temperature
conversion. If the TMP114 is performing a temperature conversion, the device will stop the active conversion and
discard the partial result, then start a new one-shot conversion. After completing the one-shot conversion the
TMP114 will enter shutdown mode, the OS bit will be cleared, and the Mode bit will be set to 1b. If a one-shot
conversion is triggered in continuous mode the device will enter shutdown mode after the one-shot conversion
completes.
Active conversion time
Start of conversion
tShutdownt
I
2C One-Shot Command
Temperature Conversion
Temp_Result Updated
Figure 8-5. One-Shot Timing Diagram
If the One_Shot bit is continuously written as faster than the active conversion time of the TMP114, the device
will continue to restart the temperature conversion with each new write to the One_Shot bit. TI recommends to
avoid this behavior because the temperature result does not update until a conversion finishes. If the system
triggers several continuous one-shot conversions, Figure 8-6 depicts how the device would continually partially
finish new conversions and not update the Temp_Result register.
Active conversion time
Start of first conversion
I
2C One-Shot Command
Start of new conversions
Discard partial conversion
Temp_Result Updated
Temperature Conversion
Figure 8-6. One-Shot Continuous Trigger Timing Diagram
TMP114
SNIS214A – JUNE 2021 – REVISED SEPTEMBER 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com