Electronic Components Datasheet Search
  English  ▼

X  

TMP114 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TMP114
Description  TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP114 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMP114 Datasheet HTML 26Page - Texas Instruments TMP114 Datasheet HTML 27Page - Texas Instruments TMP114 Datasheet HTML 28Page - Texas Instruments TMP114 Datasheet HTML 29Page - Texas Instruments TMP114 Datasheet HTML 30Page - Texas Instruments TMP114 Datasheet HTML 31Page - Texas Instruments TMP114 Datasheet HTML 32Page - Texas Instruments TMP114 Datasheet HTML 33Page - Texas Instruments TMP114 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
8.6.1 Temp_Result Register (Address = 00h) [reset = 0000h]
This register stores the latest temperature conversion result in a 16-bit two's complement format with a LSB
(Least Significant Bit) equal to 0.0078125 °C.
Return to Register Map.
Figure 8-20. Temp_Result Register
15
14
13
12
11
10
9
8
Temp_Result[15:8]
R-00h
7
6
5
4
3
2
1
0
Temp_Result[7:0]
R-00h
Table 8-6. Temp_Result Register Field Descriptions
Bit
Field
Type
Reset
Description
15:0
Temp_Result[15:0]
R
0000h
16-bit temperature conversion result
Temperature data is represented by a 16-bit, two's complement
word with an LSB (Least Significant Bit) equal to 0.0078125 °C.
8.6.2 Slew_Result Register (Address = 01h) [reset = 0000h]
This register stores the latest temperature conversion result in a 14-bit two's complement format with a LSB
(Least Significant Bit) equal to 0.03125 °C/s. The Slew Rate Warning currently does not support negative values.
Return to Register Map.
Figure 8-21. Slew_Result Register
15
14
13
12
11
10
9
8
Slew_Result[13:6]
R-0h
7
6
5
4
3
2
1
0
Slew_Result[5:0]
Reserved
R-0h
R-0h
Table 8-7. Slew_Result Register Field Descriptions
Bit
Field
Type
Reset
Description
15:2
Slew_Result[13:0]
R
0000h
Temperature slew rate result
Temperature slew rate is represented by a 14-bit, two's
complement word with an LSB (Least Significant Bit) equal to
0.03125 °C/s.
1:0
Reserved
R
0h
These two bits will always read 0h
TMP114
SNIS214A – JUNE 2021 – REVISED SEPTEMBER 2021
www.ti.com
30
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com