Electronic Components Datasheet Search
  English  ▼

X  

TMP114 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMP114
Description  TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP114 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP114 Datasheet HTML 13Page - Texas Instruments TMP114 Datasheet HTML 14Page - Texas Instruments TMP114 Datasheet HTML 15Page - Texas Instruments TMP114 Datasheet HTML 16Page - Texas Instruments TMP114 Datasheet HTML 17Page - Texas Instruments TMP114 Datasheet HTML 18Page - Texas Instruments TMP114 Datasheet HTML 19Page - Texas Instruments TMP114 Datasheet HTML 20Page - Texas Instruments TMP114 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
8.4 Device Functional Modes
The TMP114 can be configured to operate in continuous or shutdown mode. This flexibility enables designers to
balance the requirements of power efficiency and performance.
8.4.1 Continuous Conversion Mode
When the Mode bit is set to 0b in the configuration register, the device operates in continuous conversion mode.
Figure 8-4 shows the device in a continuous conversion cycle. In this mode, the device can perform multiple
conversions and updates the temperature result register and Data_Ready_Flag in the alert status register at
the end of every active conversion. The typical active conversion time for the device is 6.4 ms with averaging
disabled. When averaging is enabled, the device will convert 8 consecutive times at the beginning of every
conversion period for a typical time of 51.2 ms.
Active conversion time
Conversion interval
(TCONV)
Conversion interval
tStandby timet
(TSTDBY)
Start of conversion
(TACT)
DRDY Flag
I
2C Temperature Read or
I
2C Alert Status Read
Figure 8-4. Continuous Conversion Cycle Timing Diagram
The Conv_Period[1:0] bits in the configuration register control the rate at which the conversions are performed.
The device typically consumes 68 µA during conversion and 0.26 µA during the low power standby period. By
decreasing the rate at which the conversions are performed, the application can benefit from reduced average
current consumption in continuous mode.
Use Equation 1 to calculate the average current in continuous mode.
Average Current = ((IACT × tACTIVE) + (IStandby × tStandby)) / tConv_Period
(1)
Where
• tACTIVE = Active Conversion Time
• tConv_Period = Conversion Period
• tStandby = Standby time between conversions calculate as tConv_Period – tACTIVE
8.4.2 Shutdown Mode
When the Mode bit is set to 1b in the Configuration register, the device immediately enters the low-power
shutdown mode. If the TMP114 is performing a temperature conversion, the device will stop the conversion and
discard the partial result. In this mode, the device powers down all active circuitry and can be used in conjunction
with the One_Shot bit to perform One-Shot temperature conversions. Shutdown mode enables designers to
extend battery life as the typical power consumption is only 0.16uA in this mode of operation.
Changing between continuous and shutdown modes will not clear any active. The slew rate alert will not be
triggered again in shutdown mode, but previous active alerts will not clear until the alert register is read or a
one-shot temperature conversion is triggered.
www.ti.com
TMP114
SNIS214A – JUNE 2021 – REVISED SEPTEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TMP114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com