Electronic Components Datasheet Search
  English  ▼

X  

TMP114 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMP114
Description  TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP114 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP114 Datasheet HTML 7Page - Texas Instruments TMP114 Datasheet HTML 8Page - Texas Instruments TMP114 Datasheet HTML 9Page - Texas Instruments TMP114 Datasheet HTML 10Page - Texas Instruments TMP114 Datasheet HTML 11Page - Texas Instruments TMP114 Datasheet HTML 12Page - Texas Instruments TMP114 Datasheet HTML 13Page - Texas Instruments TMP114 Datasheet HTML 14Page - Texas Instruments TMP114 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
7.8 Typical Characteristics (continued)
Data Distribution (LSB)
0
4
8
12
16
20
-10 -9 -8 -7 -6 -5 -4 -3 -2 -1 0 1 2 3 4 5 6 7 8 9 10
A.
TA = 25 °C
Figure 7-20. Data Distribution with 1.2 ms Conversion Time and Averaging Off
www.ti.com
TMP114
SNIS214A – JUNE 2021 – REVISED SEPTEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TMP114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com