Electronic Components Datasheet Search
  English  ▼

X  

TMP114 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMP114
Description  TMP114 Ultra-Thin, 1.2-V to 1.8-V Supply, High Accuracy Digital Temperature Sensor with I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP114 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMP114 Datasheet HTML 15Page - Texas Instruments TMP114 Datasheet HTML 16Page - Texas Instruments TMP114 Datasheet HTML 17Page - Texas Instruments TMP114 Datasheet HTML 18Page - Texas Instruments TMP114 Datasheet HTML 19Page - Texas Instruments TMP114 Datasheet HTML 20Page - Texas Instruments TMP114 Datasheet HTML 21Page - Texas Instruments TMP114 Datasheet HTML 22Page - Texas Instruments TMP114 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
8.5 Programming
8.5.1 Temperature Data Format
Temperature data is represented by a 16-bit two's complement word with a Least Significant Bit (LSB) equal to
0.0078125 °C. The temperature output of the TMP114 has a range of -256 °C to 255 °C.
Table 8-1. 16-Bit Temperature Data Format
Temperature
Digital Output
Binary
Hex
+125 °C
0011 1110 1000 0000
3E80
+25 °C
0000 1100 1000 0000
0C80
+0.0078125 °C
0000 0000 0000 0001
0001
0 °C
0000 0000 0000 0000
0000
−0.0078125 °C
1111 1111 1111 1111
FFFF
−25 °C
1111 0011 1000 0000
F380
−40 °C
1110 1100 0000 0000
EC00
8.5.2 I2C and SMBus Interface
The TMP114 has a standard bidirectional I2C interface that is controlled by a controller device in order to
be configured or read the status of this device. Each target on the I2C bus has a specific device address
to differentiate between other target devices that are on the same I2C bus. Many target devices require
configuration upon start-up to set the behavior of the device. This is typically done when the controller accesses
internal register maps of the target, which have unique register addresses. A device can have one or multiple
registers where data is stored, written, or read. The TMP114 includes 50-ns glitch suppression filters, allowing
the device to coexist on an I3C mixed bus. The TMP114 supports transmission data rates up to 1 MHz.
The physical I2C interface consists of the serial clock (SCL) and serial data (SDA) lines. Both SDA and SCL
lines must be connected to a supply through a pullup resistor. The size of the pullup resistor is determined by
the amount of capacitance on the I2C lines and the communication frequency. For further details, see the I2C
Pullup Resistor Calculation application report. Data transfer may be initiated only when the bus is idle. A bus is
considered idle if both SDA and SCL lines are high after a STOP condition (see Figure 8-7 and Figure 8-8).
The following is the general procedure for a controller to access a target device:
1. If a controller wants to send data to a target:
• Controller-transmitter sends a START condition and addresses the target-receiver.
• Controller-transmitter sends the requested register to write target-receiver.
• Controller-transmitter sends data to target-receiver.
• Controller-transmitter terminates the transfer with a STOP condition.
2. If a controller wants to receive or read data from a target:
• Controller-receiver sends a START condition and addresses the target-transmitter.
• Controller-receiver sends the requested register to read to target-transmitter.
• Controller-receiver receives data from the target-transmitter.
• Controller-receiver terminates the transfer with a STOP condition.
www.ti.com
TMP114
SNIS214A – JUNE 2021 – REVISED SEPTEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TMP114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com