Electronic Components Datasheet Search
  English  ▼

X  

MCT8316AT Datasheet(PDF) 3 Page - Texas Instruments

Part # MCT8316AT
Description  MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316AT Datasheet(HTML) 3 Page - Texas Instruments

  MCT8316AT Datasheet HTML 1Page - Texas Instruments MCT8316AT Datasheet HTML 2Page - Texas Instruments MCT8316AT Datasheet HTML 3Page - Texas Instruments MCT8316AT Datasheet HTML 4Page - Texas Instruments MCT8316AT Datasheet HTML 5Page - Texas Instruments MCT8316AT Datasheet HTML 6Page - Texas Instruments MCT8316AT Datasheet HTML 7Page - Texas Instruments MCT8316AT Datasheet HTML 8Page - Texas Instruments MCT8316AT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 179 page
background image
5 Device Comparison Table
DEVICE
PACKAGES
INTERFACE
BUCK REGULATOR
MCT8316AV
40-pin VQFN (7x5 mm)
I2C
Yes
MCT8316AT
Hardware
Table 5-1. MCT8316AV (I2C variant) vs MCT8316AT (Hardware variant) configuration comparison
Parameter
MCT8316AV (I2C variant)
MCT8316AT (Hardware variant)
Initial Speed Detect (ISD) Parameters
ISD Enable
ISD_EN (2 settings)
Enable
Brake Enable
BRAKE_EN (2 settings)
Disable
Hi-Z Enable
HIZ_EN (2 settings)
Disable
Reverse Drive Enable
RVS_DR_EN (2 settings)
Enable
Resynchronization Enable
RESYNC_EN (2 settings)
Enable
Stationary Brake Enable
STAT_BRK_EN (2 settings)
Enable
Stationary Detect Threshold
STAT_DETECT_THR (8 settings)
25-mV
Brake Mode
BRK_MODE(2 settings)
Low side
Brake Configuration
BRK_CONFIG (2 settings)
N/A since BRAKE_EN is set to Disable
Brake Current Threshold
BRK_CURR_THR (8 settings)
Brake Time
BRK_TIME (16 settings)
Hi-Z Time
HIZ_TIME (16 settings)
N/A since HIZ_EN is set to Disable
Stationary Brake Time
STARTUP_BRK_TIME (8 settings)
RMP_1, RMP_2 pins (12 settings)
Motor Start-up Parameters
Start-up Method
MTR_STARTUP (4 settings)
RMP_1 pin (2 settings)
Align Ramp Rate
ALIGN_RAMP_RATE (16 settings)
RMP_1, RMP_2 pins (4 settings)
Align Time
ALIGN_TIME (16 settings)
RMP_1, RMP_2 pins (16 settings)
Align Duty
ALIGN_DUTY (8 settings)
20%
Align Current Threshold
ALIGN_CURR_THR (16 settings)
ILIMIT_1, ILIMIT_2 pins (7 settings)
IPD Clock Frequency
IPD_CLK_FREQ (8 settings)
CONFIG_1 pin (4 settings)
IPD Current Threshold
IPD_CURR_THR (16 settings)
ILIMIT_1, ILIMIT_2 pins (7 settings)
IPD Release Mode
IPD_RLS_MODE (2 settings)
Tristate
IPD Advance Angle
IPD_ADV_ANGLE (4 settings)
30o
IPD Repeat Times
IPD_REPEAT (4 settings)
RMP_1, RMP_2 pins (2 settings)
First Cycle Frequency
SLOW_FIRST_CYC_FREQ (16 settings)
RMP_1, RMP_2 pins (18 settings)
Open Loop Parameters
Open Loop Current Limit Configuration
OL_ILIMIT_CONFIG (2 settings)
Open loop current limit defined by OL_ILIMIT
Open Loop Duty Cycle
OL_DUTY (8 settings)
RMP_1, RMP_2 pins (4 settings)
Open Loop Current Limit
OL_ILIMIT (16 settings)
ILIMIT_1, ILIMIT_2 pins (7 settings)
Open Loop Acceleration A1
OL_ACC_A1 (32 settings)
RMP_1, RMP_2 pins (16 settings)
Open Loop Acceleration A2
OL_ACC_A2 (32 settings)
Same value as OL_ACC_A1
Open to Closed Loop Handoff Threshold
OPN_CL_HANDOFF_THR (32 settings)
RMP_1, RMP_2 pins (2 settings)
Auto Handoff
AUTO_HANDOFF (2 settings)
RMP_1, RMP_2 pins (2 settings)
First Cycle Frequency Select
FIRST_CYCLE_FREQ_SEL (2 settings)
Defined by SLOW_FIRST_CYC_FREQ
Minimum Duty
MIN_DUTY (16 settings)
CONFIG_3 pin (4 settings)
Closed Loop Parameters
Commutation Type
COMM_CONTROL (2 options)
120o commutation
Closed Loop Acceleration Rate
CL_ACC (32 settings)
RMP_1, RMP_2 pins (16 settings)
Closed Loop Deceleration Rate
CL_DEC (32 settings)
Same value as CL_ACC
www.ti.com
MCT8316A
SLLSFH8A – AUGUST 2021 – REVISED DECEMBER 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: MCT8316A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com