Electronic Components Datasheet Search
  English  ▼

X  

MCT8316AT Datasheet(PDF) 95 Page - Texas Instruments

Part # MCT8316AT
Description  MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316AT Datasheet(HTML) 95 Page - Texas Instruments

Back Button MCT8316AT Datasheet HTML 91Page - Texas Instruments MCT8316AT Datasheet HTML 92Page - Texas Instruments MCT8316AT Datasheet HTML 93Page - Texas Instruments MCT8316AT Datasheet HTML 94Page - Texas Instruments MCT8316AT Datasheet HTML 95Page - Texas Instruments MCT8316AT Datasheet HTML 96Page - Texas Instruments MCT8316AT Datasheet HTML 97Page - Texas Instruments MCT8316AT Datasheet HTML 98Page - Texas Instruments MCT8316AT Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 179 page
background image
Table 8-29. MOTOR_STARTUP1 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
24-21
ALIGN_TIME
R/W
0h
Align time
0h = 5 ms
1h = 10 ms
2h = 25 ms
3h = 50 ms
4h = 75 ms
5h = 100 ms
6h = 200 ms
7h = 400 ms
8h = 600 ms
9h = 800 ms
Ah = 1 s
Bh = 2 s
Ch = 4 s
Dh = 6 s
Eh = 8 s
Fh = 10 s
20-17
ALIGN_CURR_THR
R/W
0h
Align current threshold (Align current threshold (A) =
ALIGN_CURR_THR / CSA_GAIN)
0h = N/A
1h = 0.1V
2h = 0.2 V
3h = 0.3 V
4h = 0.4 V
5h = 0.5 V
6h = 0.6 V
7h = 0.7 V
8h = 0.8 V
9h = 0.9 V
Ah = 1 V
Bh = 1.1 V
Ch = 1.2 V
Dh = 1.3 V
Eh = 1.4 V
Fh = 1.5 V
16-14
IPD_CLK_FREQ
R/W
0h
IPD clock frequency
0h = 50 Hz
1h = 100 Hz
2h = 250 Hz
3h = 500 Hz
4h = 1000 Hz
5h = 2000 Hz
6h = 5000 Hz
7h = 10000 Hz
www.ti.com
MCT8316A
SLLSFH8A – AUGUST 2021 – REVISED DECEMBER 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
95
Product Folder Links: MCT8316A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com