Electronic Components Datasheet Search
  English  ▼

X  

MCT8316AT Datasheet(PDF) 13 Page - Texas Instruments

Part # MCT8316AT
Description  MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316AT Datasheet(HTML) 13 Page - Texas Instruments

Back Button MCT8316AT Datasheet HTML 9Page - Texas Instruments MCT8316AT Datasheet HTML 10Page - Texas Instruments MCT8316AT Datasheet HTML 11Page - Texas Instruments MCT8316AT Datasheet HTML 12Page - Texas Instruments MCT8316AT Datasheet HTML 13Page - Texas Instruments MCT8316AT Datasheet HTML 14Page - Texas Instruments MCT8316AT Datasheet HTML 15Page - Texas Instruments MCT8316AT Datasheet HTML 16Page - Texas Instruments MCT8316AT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 179 page
background image
at TJ = –40°C to +150°C, VVM = 4.5 to 35 V (unless otherwise noted). Typical limits apply for TA = 25°C, VVM = 24 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SPEED INPUT - PWM MODE
ƒPWM
PWM input frequency
0.01
95
kHz
ResPWM
PWM input resolution
fPWM = 0.01 to 0.35 kHz
11
12
13
bits
fPWM = 0.35 to 2 kHz
12
13
14
bits
fPWM = 2 to 3.5 kHz
11
11.5
12
bits
fPWM = 3.5 to 7 kHz
13
13.5
14
bits
fPWM = 7 to 14 kHz
12
12.5
13
bits
fPWM = 14 to 29.2 kHz
11
11.5
12
bits
fPWM = 29.3 to 60 kHz
10
10.5
11
bits
fPWM = 60 to 95 kHz
8
9
10
bits
SPEED INPUT - ANALOG MODE
VANA_FS
Analog full-speed voltage
2.95
3
3.05
V
VANA_RES
Analog voltage resolution
732
μV
SPEED INPUT - FREQUENCY MODE
ƒPWM_FREQ PWM input frequency range
Duty cycle = 50%
3
32767
Hz
SLEEP MODE
VEN_SL
Analog voltage to enter sleep mode
SPD_CTRL_MODE = 00b (analog
mode)
40
mV
VEX_SL
Analog voltage to exit sleep mode
SPD_CTRL_MODE = 00b (analog
mode)
2.2
V
tDET_ANA
Time needed to detect wake up signal on
SPEED pin
SPD_CTRL_MODE = 00b (analog
mode)
VSPEED > VEX_SL
0.5
1
1.5
μs
tWAKE
Wakeup time from sleep mode
VSPEED > VEX_SL to DVDD voltage
available, SPD_CTRL_MODE = 01b
(PWM mode)
3
5
ms
tEX_SL_DR_A
NA
Time taken to drive motor after exiting
from sleep mode
SPD_CTRL_MODE = 00b (analog
mode)
VSPEED > VEN_SL, ISD detection disabled
20
ms
tDET_PWM
Time needed to detect wake up signal on
SPEED pin
SPD_CTRL_MODE = 01b (PWM mode)
VSPEED > VDIG_IH
0.5
1
1.5
μs
tWAKE_PWM
Wakeup time from sleep mode
VSPEED > VDIG_IH to DVDD voltage
available and release nFault,
SPD_CTRL_MODE = 01b (PWM mode)
3
5
ms
tEX_SL_DR_P
WM
Time taken to drive motor after wakeup
from sleep state
SPD_CTRL_MODE = 01b (PWM mode)
VSPEED > VDIG_IH, ISD detection disabled
20
ms
tDET_SL_ANA Time needed to detect sleep command
SPD_CTRL_MODE = 00b (analog
mode)
VSPEED < VEN_SL
0.5
1
2
ms
tDET_SL_PWM Time needed to detect sleep command
SPD_CTRL_MODE = 01b (PWM mode)
VSPEED < VDIG_IL, SLEEP_TIME = 00b
0.035
0.05
0.065
ms
SPD_CTRL_MODE = 01b (PWM mode)
VSPEED < VDIG_IL, SLEEP_TIME = 01b
0.14
0.2
0.26
ms
SPD_CTRL_MODE = 01b (PWM mode)
VSPEED < VDIG_IL, SLEEP_TIME = 10b
14
20
26
ms
SPD_CTRL_MODE = 01b (PWM mode)
VSPEED < VDIG_IL, SLEEP_TIME = 11b
140
200
260
ms
tDET_SL_FRE
Q
Time needed to detect sleep command
SPD_CTRL_MODE = 11b (Frequency
mode)
VSPEED < VDIG_IL
4000
ms
tEN_SL
Time needed to stop driving motor after
detecting sleep command
VSPEED < VEN_SL (analog
mode) or VSPEED < VDIG_IL (PWM mode)
1
2
ms
www.ti.com
MCT8316A
SLLSFH8A – AUGUST 2021 – REVISED DECEMBER 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: MCT8316A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com