Electronic Components Datasheet Search
  English  ▼

X  

MCT8316AT Datasheet(PDF) 45 Page - Texas Instruments

Part # MCT8316AT
Description  MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316AT Datasheet(HTML) 45 Page - Texas Instruments

Back Button MCT8316AT Datasheet HTML 41Page - Texas Instruments MCT8316AT Datasheet HTML 42Page - Texas Instruments MCT8316AT Datasheet HTML 43Page - Texas Instruments MCT8316AT Datasheet HTML 44Page - Texas Instruments MCT8316AT Datasheet HTML 45Page - Texas Instruments MCT8316AT Datasheet HTML 46Page - Texas Instruments MCT8316AT Datasheet HTML 47Page - Texas Instruments MCT8316AT Datasheet HTML 48Page - Texas Instruments MCT8316AT Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 179 page
background image
8.3.9.3 Case 3 – Motor is Spinning in the Reverse Direction
If the motor is spinning in the reverse direction (the opposite direction as the commanded direction), the
MCT8316A provides several methods to change the direction and drive the motor to the target speed reference
in the commanded direction.
The reverse drive method allows the motor to be driven so that it decelerates through zero speed. The motor
achieves the shortest possible spin-up time when spinning in the reverse direction.
If reverse drive is not enabled, then the MCT8316A can be configured to wait for the motor to coast to a stop
and/or apply a brake. After the motor has stopped spinning, the motor start-up sequence proceeds as in Case 1,
considering the motor is stationary.
Note
Take care when using the reverse drive or brake feature to ensure that the current is limited to an
acceptable level and that the supply voltage does not surge as a result of energy being returned to the
power supply.
www.ti.com
MCT8316A
SLLSFH8A – AUGUST 2021 – REVISED DECEMBER 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: MCT8316A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com