Electronic Components Datasheet Search
  English  ▼

X  

MCT8316AT Datasheet(PDF) 18 Page - Texas Instruments

Part # MCT8316AT
Description  MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316AT Datasheet(HTML) 18 Page - Texas Instruments

Back Button MCT8316AT Datasheet HTML 14Page - Texas Instruments MCT8316AT Datasheet HTML 15Page - Texas Instruments MCT8316AT Datasheet HTML 16Page - Texas Instruments MCT8316AT Datasheet HTML 17Page - Texas Instruments MCT8316AT Datasheet HTML 18Page - Texas Instruments MCT8316AT Datasheet HTML 19Page - Texas Instruments MCT8316AT Datasheet HTML 20Page - Texas Instruments MCT8316AT Datasheet HTML 21Page - Texas Instruments MCT8316AT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 179 page
background image
7.7 Typical Characteristics
Supply Voltage (V)
10
12.5
15
17.5
20
22.5
25
27.5
30
32.5
35
9
10.5
12
13.5
15
16.5
18
19.5
21
22.5
24
25.5
27
28.5
30
Buck with Inductor (25
C)
Buck with Inductor (150
C)
Buck with Resistor (25
C)
Buck with Resistor (150
C)
Figure 7-1. Supply current over supply voltage
Junction Temperature (
C)
-40
-20
0
20
40
60
80
100
120
140
60
70
80
90
100
110
120
130
140
150
160
Figure 7-2. RDS(ON) (high and low side combined)
for MOSFETs over temperature
Supply Voltage (V)
4
8
12
16
20
24
28
32
36
75
77.5
80
82.5
85
87.5
90
92.5
95
97.5
100
TJ = -40 C
TJ = 25 C
TJ = -150 C
Figure 7-3. Buck regulator efficiency over supply
voltage
Buck Output Load Current (A)
0
0.02 0.04 0.06 0.08
0.1
0.12 0.14 0.16 0.18
0.2
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
5.75
BUCK_SEL = 00b
BUCK_SEL = 01b
BUCK_SEL = 10b
BUCK_SEL = 11b
Figure 7-4. Buck regulator output voltage over load
current
MCT8316A
SLLSFH8A – AUGUST 2021 – REVISED DECEMBER 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: MCT8316A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com