Electronic Components Datasheet Search
  English  ▼

X  

MCT8316AT Datasheet(PDF) 70 Page - Texas Instruments

Part # MCT8316AT
Description  MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316AT Datasheet(HTML) 70 Page - Texas Instruments

Back Button MCT8316AT Datasheet HTML 66Page - Texas Instruments MCT8316AT Datasheet HTML 67Page - Texas Instruments MCT8316AT Datasheet HTML 68Page - Texas Instruments MCT8316AT Datasheet HTML 69Page - Texas Instruments MCT8316AT Datasheet HTML 70Page - Texas Instruments MCT8316AT Datasheet HTML 71Page - Texas Instruments MCT8316AT Datasheet HTML 72Page - Texas Instruments MCT8316AT Datasheet HTML 73Page - Texas Instruments MCT8316AT Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 179 page
background image
Phase A
Voltage
FG_DIV_FACTOR = 0000b
(Commuta on cycle)
FG_DIV_FACTOR = 0001b
(Elec cycle)
FG_DIV_FACTOR = 0011b
(Elec cycle*3)
FG_DIV_FACTOR = 0100b
(Elec cycle*4)
FG_DIV_FACTOR = 0010b
(Elec cycle*2)
Figure 8-45. FG Frequency Divider
8.3.20.2 FG Open-Loop and Lock Behavior
During closed loop operation, the driving speed (FG output frequency) and the actual motor speed are
synchronized. During open-loop operation, however, FG may not reflect the actual motor speed. During motor-
lock condition, the FG output is driven high.
The MCT8316A provides three options for controlling the FG output during open loop, as shown in Figure 8-46.
The selection of these options is configured through FG_SEL.
If FG_SEL is set to,
• 00b: When in open loop, the FG output is based on the driving frequency.
• 01b: When in open loop, the FG output will be driven high.
• 10b: The FG output will reflect the driving frequency during open loop operation in the first motor start-up
cycle after power-on, sleep/standby; FG will be held high during open loop operation in subsequent start-up
cycles.
MCT8316A
SLLSFH8A – AUGUST 2021 – REVISED DECEMBER 2021
www.ti.com
70
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: MCT8316A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com