Electronic Components Datasheet Search
  English  ▼

X  

MCT8316AT Datasheet(PDF) 21 Page - Texas Instruments

Part # MCT8316AT
Description  MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316AT Datasheet(HTML) 21 Page - Texas Instruments

Back Button MCT8316AT Datasheet HTML 17Page - Texas Instruments MCT8316AT Datasheet HTML 18Page - Texas Instruments MCT8316AT Datasheet HTML 19Page - Texas Instruments MCT8316AT Datasheet HTML 20Page - Texas Instruments MCT8316AT Datasheet HTML 21Page - Texas Instruments MCT8316AT Datasheet HTML 22Page - Texas Instruments MCT8316AT Datasheet HTML 23Page - Texas Instruments MCT8316AT Datasheet HTML 24Page - Texas Instruments MCT8316AT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 179 page
background image
EEPROM
Sensorless Trap
Engine
VM
PGND
ISENA
OUTA
OUTA
VCP
VGLS
PGND
VM
PGND
Integrated
current
sensing
ISENB
OUTB
OUTB
VCP
VGLS
PGND
VM
PGND
Integrated
current
sensing
ISENC
OUTC
OUTC
VCP
VGLS
PGND
DRVOFF
DRVOFF
DRVOFF
PGND
PGND
PGND
VM
VM
VM
CP
CPH
CPL
CCP
1µF
CFLY 47nF
Charge Pump
Integrated
current
sensing
VM
CVM1
0.1µF
CVM2
>10µF
+
Buck/LDO
Regulator
GND_BK
FB_BK
SW_BK
LBK
CBK
- or -
RBK
DVDD
DGND
CDVDD
1µF
AVDD LDO
Regulator
Input VM or
Buck/LDO
AVDD
CAVDD 1µF
AGND
Buck
Out
AVDD
Out
DVDD
LDO
Regulator
Fast accel
120° commutation
ISENA
ISENB
ISENC
Protection
Protection
Protection
Protection
Protection
Protection
BRAKE
DIR
SPEED/WAKE
FG
nFAULT
PWM, Freq or
Analog Input
12-bit
ADC
AVDD
VM
OUTA
OUTB
OUTC
IO Interafce
A
RMP_1
RMP_2
LDANGLE
ILIMIT
SLEW_RATE
CONFIG_1
CONFIG_2
CONFIG_3
Figure 8-2. MCT8316AT Functional Block Diagram
www.ti.com
MCT8316A
SLLSFH8A – AUGUST 2021 – REVISED DECEMBER 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: MCT8316A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com