Electronic Components Datasheet Search
  English  ▼

X  

LT8331 Datasheet(PDF) 10 Page - Analog Devices

Part # LT8331
Description  60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 10 Page - Analog Devices

Back Button LT8331 Datasheet HTML 6Page - Analog Devices LT8331 Datasheet HTML 7Page - Analog Devices LT8331 Datasheet HTML 8Page - Analog Devices LT8331 Datasheet HTML 9Page - Analog Devices LT8331 Datasheet HTML 10Page - Analog Devices LT8331 Datasheet HTML 11Page - Analog Devices LT8331 Datasheet HTML 12Page - Analog Devices LT8331 Datasheet HTML 13Page - Analog Devices LT8331 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
LT8357
10
Rev. 0
For more information www.analog.com
OPERATION
Shutdown and Power-On-Reset
The LT8357 enters shutdown mode and drains less than
3μA quiescent current when the EN/UVLO pin is below its
shutdown threshold (0.3V minimum). Once the EN/UVLO
pin is above its shutdown threshold (0.9V maximum),
the LT8357 wakes up the startup circuitry, generates the
bandgap reference, and powers up the internal INTVCC
LDO. The INTVCC LDO supplies the internal control cir-
cuitry and gate driver. The LT8357 then enters undervolt-
age lockout (UVLO) mode. When in UVLO mode, the part
is in a power-on-reset (POR) state, waking up the entire
internal control circuitry and settling to the right initial
conditions. When the INTVCC pin is charged above its
rising UVLO threshold (2.60V typical), the EN/UVLO pin
passes its rising enable threshold (1.220V typical), and
the junction temperature is less than the thermal shut-
down limit (165°C typical), the LT8357 enters enable
mode, and the part is ready and waiting for the control
signals to start switching.
The LT8357 has an accurate enable threshold (typically
1.220V rising and 1.178V falling) on the EN/UVLO pin
to enable the part. The accurate enable threshold allows
the user to program an undervoltage lockout (UVLO)
threshold with a resistor divider from the input supply
VIN to ground. When operating in Burst Mode, the current
flowing through the resistor divider can easily exceed the
quiescent current consumed by the part. Therefore, the
resistor divider values should be large enough to minimize
its effect on the efficiency at light load conditions.
Start-Up and Fault Protection
When the LT8357 is in the initial POR state, the SS pin
is hard pulled down to ground with a 55Ω internal resis-
tor. Once the part enters enable mode, the POR signal is
reset, but the SS pin is still hard pulled down to ground
and the part waits for 10μs so that all the internal circuits
and logic can settle to the correct states before initiating
the start-up sequence. After the 10μs, the SS pin is then
charged up by a 15μA pull-up current while the switch-
ing is disabled. When the SS pin is charged above 0.25V,
switching of the power switches is enabled and the start-
up of the output voltage VOUT is controlled by the voltage
on the SS pin. When the SS pin voltage is less than 1V,
the LT8357 regulates the FB pin voltage to the SS pin
voltage instead of the 1V reference. This allows the SS
pin to be used to program soft-start by connecting an
external capacitor from the SS pin to ground. The internal
15μA pull-up current charges up the capacitor, creating a
voltage ramp on the SS pin. As the SS pin voltage rises
linearly from 0.25V to 1V (and beyond), the output volt-
age VOUT rises smoothly to its final regulation voltage.
After passing 1V, the SS pin continues to be charged up
until exceeding 1.55V, then the start-up period is finished.
Before the SS pin rising above 1.55V, the control logic
forbids synchronizing from external clock and disables
the Burst Mode operation and spread spectrum frequency
modulation. After the SS pin rising above 1.55V, both
external frequency synchronization and operation mode
selection is controlled by the SYNC/MODE pin setting.
Once the switch over current fault is detected on the
SENSE pin, the LT8357 disables the switching immedi-
ately with the over current fault flag being latched, and
the SS pin is discharged by a 1.5μA pull-down current.
During the period when the over current fault is detected
and being latched, the part forbids the Burst Mode opera-
tion. Once the SS pin is discharged below 0.2V, the over
current fault flag is reset and the SS pin is charged up
by the 15μA pull-up current again. Once the SS pin rises
above 0.25V, switching is enabled and the soft start-up
is re-initiated again.
Once the FB pin voltage exceeds 8% (typical) above its
1V regulation voltage, the output overvoltage fault will be
triggered, which disables the switching immediately. After
the FB pin voltage drops below the overvoltage threshold,
the switching will be enabled again. No soft start-up will
be re-initiated in this fault case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com