Electronic Components Datasheet Search
  English  ▼

X  

LT8331 Datasheet(PDF) 24 Page - Analog Devices

Part # LT8331
Description  60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 24 Page - Analog Devices

Back Button LT8331 Datasheet HTML 20Page - Analog Devices LT8331 Datasheet HTML 21Page - Analog Devices LT8331 Datasheet HTML 22Page - Analog Devices LT8331 Datasheet HTML 23Page - Analog Devices LT8331 Datasheet HTML 24Page - Analog Devices LT8331 Datasheet HTML 25Page - Analog Devices LT8331 Datasheet HTML 26Page - Analog Devices LT8331 Datasheet HTML 27Page - Analog Devices LT8331 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
LT8357
24
Rev. 0
For more information www.analog.com
relative to ISW(MAX), as shown in Figure 11. Then, the
switch ripple current ΔISW can be calculated by:
�ISW = χ • ISW(MAX)
The inductor ripple currents ΔIL1 and ΔIL2 are identical:
�IL1 = �IL2 = 0.5 • �ISW
The inductor ripple current has a direct effect on the
choice of the inductor value. Choosing smaller values of
ΔIL requires large inductances and reduces the current
loop gain (the converter will approach voltage mode).
Accepting larger values of ΔIL allows the use of low
inductances, but results in higher input current ripple and
greater core losses. It is recommended that χ falls in the
range of 0.2 to 0.4.
8357 F11
ΔISW = χ • ISW(MAX)(AVE)
ISW
t
DTS
ISW(MAX)(AVE)
TS
Figure 11. The Switch Current Waveform of the SEPIC
Converter
Given an operating input voltage range and having chosen
the operating frequency and ripple current in the induc-
tor, the inductor value (L1 and L2 are independent) of the
SEPIC converter can be determined using the following
equation:
L1=L2=
VIN(MIN)
0.5•ΔISW •f
•DMAX
For most SEPIC applications, the equal inductor values
will fall in the range of 1μH to 100μH. By making L1 = L2,
and winding them on the same core, the value of induc-
tance in the preceding equation is replaced by 2L, due to
mutual inductance:
APPLICATIONS INFORMATION
L =
VIN(MIN)
ΔISW •f
•DMAX
This maintains the same ripple current and energy storage
in the inductors. The peak inductor currents are:
IL1(PEAK) =IL1(MAX)+0.5•ΔIL1
IL2(PEAK) =IL2(MAX)+0.5•ΔIL2
The RMS inductor currents are:
IL1(RMS) =IL1(MAX)• 1+
χ2L1
12
where:
χL1=
ΔIL1
IL1(MAX)
IL2(RMS) =IL2(MAX)• 1+
χ2L2
12
where:
χL2 =
ΔIL2
IL2(MAX)
Based on the preceding equations, the user should choose
the inductors having sufficient saturation and RMS cur-
rent ratings.
In a SEPIC converter, when the power switch is turned on,
the current flowing through the sense resistor (ISENSE) is
the switch current ISW. Set the sense voltage at ISW(PEAK)
to be less than the maximum SENSE current limit thresh-
old of 60mV (typical). The sense resistor value can then
be calculated as:
RSENSE =
60mV
ISW(PEAK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com