Electronic Components Datasheet Search
  English  ▼

X  

LT8331 Datasheet(PDF) 12 Page - Analog Devices

Part # LT8331
Description  60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 12 Page - Analog Devices

Back Button LT8331 Datasheet HTML 8Page - Analog Devices LT8331 Datasheet HTML 9Page - Analog Devices LT8331 Datasheet HTML 10Page - Analog Devices LT8331 Datasheet HTML 11Page - Analog Devices LT8331 Datasheet HTML 12Page - Analog Devices LT8331 Datasheet HTML 13Page - Analog Devices LT8331 Datasheet HTML 14Page - Analog Devices LT8331 Datasheet HTML 15Page - Analog Devices LT8331 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
LT8357
12
Rev. 0
For more information www.analog.com
The front page shows a typical LT8357 application circuit.
This Applications Information section serves as a guide-
line for selecting external components for typical applica-
tions. The examples and equations in this section assume
continuous conduction mode unless otherwise specified.
Switching Frequency Selection
The LT8357 uses a constant frequency control scheme
between 100kHz and 2MHz. Selection of the switching
frequency is a trade-off between efficiency and compo-
nent size. Low frequency operation improves efficiency
by reducing MOSFET switching losses, but requires larger
inductor and capacitor values. For high power applica-
tions, consider operating at lower frequencies to minimize
MOSFET heating from switching losses. For low power
applications, consider operating at higher frequencies to
minimize the total solution size.
In addition, the specific application also plays an important
role in switching frequency selection. In a noise-sensitive
system, the switching frequency is usually selected to keep
the switching noise out of a sensitive frequency band.
Switching Frequency Setting
The switching frequency of the LT8357 is set by the inter-
nal oscillator. With frequency synchronization disabled,
the switching frequency can be set by placing a resistor
from the RT pin to ground. Table 1 shows RT resistor
values for common switching frequencies.
Table 1. Switching Frequency vs RT Value (1% Resistor)
fOSC (kHz)
RT (kΩ)
100
357
200
174
350
95.3
400
82.5
600
53.6
800
40.2
1000
31.6
1200
26.1
1400
22.1
1600
19.1
1800
16.9
2000
15.0
APPLICATIONS INFORMATION
Spread Spectrum Frequency Modulation
Switching regulators can be particularly troublesome for
applications where electromagnetic interference (EMI) is a
concern. To improve EMI performance, the LT8357 imple-
ments a triangle spread spectrum frequency modulation
scheme. When the SYNC/MODE pin is tied to INTVCC or
a 100kΩ resistor is placed from the SYNC/MODE pin
to ground, the LT8357 spreads its switching frequency
19% above the internal oscillator frequency. Figure 2
and Figure 3 show the noise spectrum of the front page
application with spread spectrum frequency modulation
enabled and disabled.
Split Gate Drive
It is critical to optimize gate drive for EMI performance in
switching regulators by adding an external gate resistor,
but there is a trade-off between power efficiency and EMI.
Slow gate drive with pull-up gate resistor improves EMI
but at the cost of reduced efficiency. Strong pull-down
gate drive is always required because the fast slew rate
of SW node may pull up the gate of the power MOSFET
and falsely turn it on. A single gate drive can only have a
single gate resistor that cannot optimize both efficiency
and EMI at the same time. In the LT8357, a split gate drive
is implemented, which allows using a large pull-up resis-
tor and low pull-down resistor to achieve an optimized
efficiency and EMI performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com