Electronic Components Datasheet Search
  English  ▼

X  

LT8331 Datasheet(PDF) 28 Page - Analog Devices

Part # LT8331
Description  60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 28 Page - Analog Devices

Back Button LT8331 Datasheet HTML 24Page - Analog Devices LT8331 Datasheet HTML 25Page - Analog Devices LT8331 Datasheet HTML 26Page - Analog Devices LT8331 Datasheet HTML 27Page - Analog Devices LT8331 Datasheet HTML 28Page - Analog Devices LT8331 Datasheet HTML 29Page - Analog Devices LT8331 Datasheet HTML 30Page - Analog Devices LT8331 Datasheet HTML 31Page - Analog Devices LT8331 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
LT8357
28
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
2MHz, 3.3V to 9V Input, 12V Output Boost Converter
Efficiency vs Load Current
2.2µH
100k
22k
D1
M1
4m
1M
90.9k
3.3nF
0.47µF
2MHz
15k
2.2µF
47µF
x3
47uF
x3
5
EN/UVLO
VC
FB
SYNC/MODE
VIN
LT8357
GND
PGOOD
SS
RT
GATEP
GATEN
INTVCC
VIN
3.3V TO 9V
16V
VOUT
12V/1.2A @ VIN = 3.3V
12V/2.5A @ VIN = 4V
12V/3.0A @ VIN = 5V
12V/3.0A @ VIN = 9V
16V
SENSE
INTVCC
L1
L1: COILCRAFT XEL6060-561
M1: INFINEON BSC026NE2LS5
D1: DIODES SBR8U20SP5
8357 TA02a
fSW = 2MHz
Burst
VIN = 3.3V
VIN = 4V
VIN = 5V
VIN = 9V
LOAD CURRENT (A)
0.001
0.01
0.1
1
10
50
60
70
80
90
100
8357 TA02b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com