Electronic Components Datasheet Search
  English  ▼

X  

LT8331 Datasheet(PDF) 26 Page - Analog Devices

Part # LT8331
Description  60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 26 Page - Analog Devices

Back Button LT8331 Datasheet HTML 22Page - Analog Devices LT8331 Datasheet HTML 23Page - Analog Devices LT8331 Datasheet HTML 24Page - Analog Devices LT8331 Datasheet HTML 25Page - Analog Devices LT8331 Datasheet HTML 26Page - Analog Devices LT8331 Datasheet HTML 27Page - Analog Devices LT8331 Datasheet HTML 28Page - Analog Devices LT8331 Datasheet HTML 29Page - Analog Devices LT8331 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
LT8357
26
Rev. 0
For more information www.analog.com
CDC has nearly a rectangular current waveform. During
the switch off-time, the current through CDC is IIN, while
approximately –IO flows during the on-time. The RMS
rating of the coupling capacitor is determined by the fol-
lowing equation:
IRMS(CDC) >IO(MAX)•
VOUT +VD
VIN(MIN)
A low ESR and ESL, X5R or X7R ceramic capacitor works
well for CDC.
Efficiency Considerations
The power efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Although all dissipative
elements in circuits produce losses, five main sources
account for most of the losses in LT8357 circuits:
1. DC I•VD loss. The largest power loss comes from the
forward voltage drop of the output diode and it causes
the efficiency drop at high output currents.
2. DC I2•R losses. These arise from the resistances of
the power MOSFET, sense resistor, inductor and PC
board traces and cause the efficiency to drop at high
output currents.
3. Transition loss. This loss arises from the brief amount
of time the power MOSFET spends in the saturated
region during switch node transition. It depends upon
the input voltage, load current, driver strength and
MOSFET capacitance, among other factors.
4. INTVCC current. This is the sum of the power MOSFET
gate driver and control circuit currents.
5. CIN and COUT loss. The input capacitor has the dif-
ficult job of filtering the large RMS input current in
the flyback converter. The output capacitor has the
difficult job of filtering the large RMS output current
in the boost, flyback and SEPIC converters. Both CIN
and COUT are required to have low ESR to minimize
APPLICATIONS INFORMATION
the AC I2•R loss and sufficient capacitance to prevent
the RMS current from causing additional upstream
losses in fuses or batteries.
When making adjustments to improve efficiency, the input
current is the best indicator of changes in efficiency. If you
make a change and the input current decreases, then the
efficiency has increased. If there is no change in the input
current, then there is no change in efficiency.
PC Board Layout Checklist
The basic PC board layout requires a dedicated ground
plane layer. Also, for high current, a multilayer board pro-
vides heat sinking for power components.
• The ground plane layer should not have any traces
and it should be as close as possible to the layer with
power MOSFET and output diode.
• Use immediate vias to connect the components to the
ground plane. Use several large vias for each power
component.
• Use planes for VIN and VOUT to maintain good voltage
filtering and to keep power losses low.
• Flood all unused areas on all layers with copper.
Flooding with copper will reduce the temperature rise
of power components. Connect the copper areas to
any DC net (VIN or GND).
• Separate the signal and power grounds. All small-
signal components should return to the exposed GND
pad from the bottom, which is then tied to the power
GND close to the power components.
• Place the power MOSFET and output diode as close
to the controller as possible, keeping the power GND,
power MOSFET gate drive signals and switch node
traces short.
• Keep the high dV/dT switch nodes and power MOSFET
gate drive signals away from sensitive small-signal
nodes.
• Keep the following high dI/dT loops in different topol-
ogies as tight as possible with short leads and PCB
trace lengths to reduce inductive ringing:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com