Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 31 Page - Analog Devices

Part # AD7380
Description  Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD7380 Datasheet HTML 23Page - Analog Devices AD7380 Datasheet HTML 24Page - Analog Devices AD7380 Datasheet HTML 25Page - Analog Devices AD7380 Datasheet HTML 26Page - Analog Devices AD7380 Datasheet HTML 27Page - Analog Devices AD7380 Datasheet HTML 28Page - Analog Devices AD7380 Datasheet HTML 29Page - Analog Devices AD7380 Datasheet HTML 30Page - Analog Devices AD7380 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 31 page
background image
Data Sheet
AD7381-4
Rev. 0 | Page 31 of 31
OUTLINE DIMENSIONS
COMPLIANT
TO JEDEC STANDARDS MO-248-UGGD
BOTTOM VIEW
TOP VIEW
SIDE VIEW
4.10
4.00 SQ
3.90
0.60
0.55
0.50
0.050 MAX
0.035 NOM
0.152 REF
COPLANARITY
0.08
PIN 1
CORNER
1
24
7
12
13
18
19
6
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
SEATING
PLANE
0.30
0.25
0.20
0.50
BSC
0.60
0.50 SQ
0.40
PIN 1
INDICATOR
0.45
0.40
0.30
Figure 45. 24-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.55 mm Package Height
(CP-24-25)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2, 3
Resolution
Temperature Range
Package Description
Package Option
AD7381-4BCPZ
14-Bit
−40°C to +125°C
24-Lead Lead Frame Chip Scale Package [LFCSP]
CP-24-25
AD7381-4BCPZ-RL
14-Bit
−40°C to +125°C
24-Lead Lead Frame Chip Scale Package [LFCSP]
CP-24-25
AD7381-4BCPZ-RL7
14-Bit
−40°C to +125°C
24-Lead Lead Frame Chip Scale Package [LFCSP]
CP-24-25
EVAL-AD7380-4FMCZ
AD7380-4 Evaluation Board
EVAL-SDP-CH1Z
Evaluation Board Controller
1 Z = RoHS Compliant Part.
2 The EVAL-AD7380-4FMCZ is configurable to use with the AD7381-4.
3 The EVAL-AD7380-4FMCZ is compatible with the EVAL-SDP-CH1Z high speed controller board.
©2022 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D22938-1/22(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com