Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 26 Page - Analog Devices

Part # AD7380
Description  Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7380 Datasheet HTML 22Page - Analog Devices AD7380 Datasheet HTML 23Page - Analog Devices AD7380 Datasheet HTML 24Page - Analog Devices AD7380 Datasheet HTML 25Page - Analog Devices AD7380 Datasheet HTML 26Page - Analog Devices AD7380 Datasheet HTML 27Page - Analog Devices AD7380 Datasheet HTML 28Page - Analog Devices AD7380 Datasheet HTML 29Page - Analog Devices AD7380 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
AD7381-4
Data Sheet
Rev. 0 | Page 26 of 31
REGISTERS
The AD7381-4 has user-programmable, on-chip registers for configuring the device. Table 15 shows a complete overview of the registers
available on the AD7381-4.
The registers are either read/write (R/W) or read only (R). Any read request to a write only register is ignored. Any write to a read only
register is ignored. Writes to the NOP registers and the reserved register are ignored. Any read request to the NOP registers or reserved
registers are considered a no operation and the data transmitted in the next SPI frame are the conversion results.
Table 15. Register Description
Reg
Name
Bits
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Reset
RW
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x1
Configuration 1
[15:8]
ADDRESSING
RESERVED
OS_MODE
OSR, Bit 2
0x0000
R/W
[7:0]
OSR, Bits[1:0]
CRC_W
CRC_R
ALERT_EN
RES
REFSEL
PMODE
0x2
Configuration 2 [15:8]
ADDRESSING
RESERVED
SDO
0x0000
R/W
[7:0]
RESET
0x3
Alert indication
[15:8]
ADDRESSING
RESERVED
CRCW_F
SETUP_F
0x0000
R
[7:0]
AL_D_HIGH AL_D_LOW
AL_C_HIGH
AL_C_LOW
AL_B_HIGH
AL_B_LOW
AL_A_HIGH
AL_A_LOW
0x4
Alert low
[15:8]
ADDRESSING
ALERT_LOW, Bits[11:8]
0x0800
R/W
threshold
[7:0]
ALERT_LOW, Bits[7:0]
0x5
Alert high
[15:8]
ADDRESSING
ALERT_HIGH, Bits[11:8]
0x07FF
R/W
threshold
[7:0]
ALERT_HIGH, Bits[7:0]
ADDRESSING REGISTERS
A serial register transfer on the AD7381-4 consists of 16 SCLK cycles. The four MSBs written to the device are decoded to determine
which register is addressed. The four MSBs consist of the register address (REGADDR), Bits[2:0], and the read/write bit (WR). The
register address bits determine which on-chip register is selected. If the addressed register is a valid write register, the read/write bit
determines whether the remaining 12 bits of data on the SDI input are loaded into the addressed register. If the WR bit is 1, the bits load
into the register addressed by the register select bits. If the WR bit is 0, the command is seen as a read request. The addressed register
data is available to be read during the next read operation.
Table 16. Addressing Register Format
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
WR
REGADDR, Bits[2:0]
Data, Bits[11:0]
Table 17. Bit Descriptions for Addressing Registers
Bit
Mnemonic
Description
D15
WR
When a 1 is written to this bit, Bits[11:0] of this register are written to the register specified by REGADDR if it
is a valid address.
Alternatively, when a 0 is written, the next data sent out on the SDOA pin is a read from the designated
register if it is a valid address.
D14 to D12
REGADDR
When WR = 1, the contents of REGADDR determine the register for selection as outlined in Table 15.
When WR = 0 and the REGADDR bits contain a valid register address, the contents on the requested register
are output on the SDOA pin during the next interface access.
When WR = 0 and the REGADDR bits contain 0x0, 0x6, or 0x7, the contents on the SDI line are ignored. The
next interface access results in the conversion results being read back.
D11 to D0
Data
These bits are written into the corresponding register specified by the REGADDR bits when the WR bit = 1
and the REGADDR bits contain a valid address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com