Electronic Components Datasheet Search
  English  ▼

X  

AD7380 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7380
Description  Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7380 Datasheet HTML 10Page - Analog Devices AD7380 Datasheet HTML 11Page - Analog Devices AD7380 Datasheet HTML 12Page - Analog Devices AD7380 Datasheet HTML 13Page - Analog Devices AD7380 Datasheet HTML 14Page - Analog Devices AD7380 Datasheet HTML 15Page - Analog Devices AD7380 Datasheet HTML 16Page - Analog Devices AD7380 Datasheet HTML 17Page - Analog Devices AD7380 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
AD7381-4
Data Sheet
Rev. 0 | Page 14 of 31
THEORY OF OPERATION
CIRCUIT INFORMATION
The AD7381-4 is a high speed, quad, fully differential, 14-bit, SAR
ADC. The device operates from a 3.0 V to 3.6 V power supply
and features throughput rates up to 4 MSPS.
The AD7381-4 contains four successive approximation ADCs,
and a serial interface with four separate data output pins. The
device is housed in a 24-lead LFCSP, offering the user
considerable space-saving advantages over alternative
solutions.
Data is accessed from the device via the serial interface. The
interface can be operated with two, four, or one serial output.
The AD7381-4 has an on-chip 2.5 V internal reference
(10 ppm/°C). If an external reference is desired, the internal
reference can be disabled, and an external reference voltage
ranging from 2.5 V to 3.3 V can be supplied. If the internal
reference is used elsewhere in the system, the reference output
must be buffered. The differential analog input range for the
AD7381-4 is VCM ± VREF/2.
The AD7381-4 features on-chip oversampling blocks to
improve performance. Normal averaging and rolling average
oversampling modes are available. Power-down options to
allow power saving between conversions are available.
Configuration of the device is implemented via the standard
serial interface, as described in the Interface section.
CONVERTER OPERATION
The AD7381-4 has four successive approximation ADCs, each
based around two capacitive DACs. Figure 27 and Figure 28
show simplified schematics of one of these ADCs in acquisition
and conversion phases, respectively. The ADC comprises
control logic, a SAR, and two capacitive DACs. In Figure 27
(the acquisition phase), SW3 is closed, SW1 and SW2 are in
Position A, the comparator is held in a balanced condition,
and the sampling capacitor (CS) arrays can acquire the
differential signal on the input.
CAPACITIVE
DAC
CONTROL
LOGIC
COMPARATOR
SW3
A
A
B
B
S
S
AINx+
VREF
AINx–
Figure 27. ADC Acquisition Phase
When the ADC starts a conversion (see Figure 28), SW3 opens
and SW1 and SW2 move to Position B, causing the comparator
to become unbalanced. Both inputs are disconnected when the
conversion begins. The control logic and charge redistribution
DACs are used to add and subtract fixed amounts of charge
from the sampling capacitor arrays to bring the comparator back
into a balanced condition. When the comparator is rebalanced,
the conversion is complete. The control logic generates the
ADC output code. The output impedances of the sources
driving the AINx+ and AINx− pins must be matched. Otherwise,
the two inputs have different settling times, resulting in errors.
CAPACITIVE
DAC
CONTROL
LOGIC
COMPARATOR
SW3
A
A
B
B
S
S
AINx+
VREF
AINx–
Figure 28. ADC Conversion Phase
ANALOG INPUT STRUCTURE
Figure 29 shows the equivalent circuit of the analog input struc-
ture of the AD7381-4. The four diodes provide ESD protection
for the analog inputs. Ensure that the analog input signals never
exceed the supply rails by more than 300 mV. Exceeding the limit
causes these diodes to become forward-biased and start
conducting into the substrate. These diodes can conduct up to
10 mA without causing irreversible damage to the device.
The C1 capacitors in Figure 29 are typically 3 pF and can
primarily be attributed to pin capacitance. The R1 resistors
are lumped components made up of the on resistance of the
switches. The value of these resistors is typically about 200 Ω.
The C2 capacitors are the ADC sampling capacitors with a
typical capacitance of 15 pF.
C2
C2
C1
C1
CC
CC
AINx+
AINx–
Figure 29. Equivalent Analog Input Circuit,
Conversion Phase—Switches Open, Track Phase—Switches Closed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com